Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300019 Datasheet(PDF) 39 Page - Microchip Technology

Part # DM300019
Description  Starter Development Board Userís Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300019 Datasheet(HTML) 39 Page - Microchip Technology

Back Button DM300019 Datasheet HTML 35Page - Microchip Technology DM300019 Datasheet HTML 36Page - Microchip Technology DM300019 Datasheet HTML 37Page - Microchip Technology DM300019 Datasheet HTML 38Page - Microchip Technology DM300019 Datasheet HTML 39Page - Microchip Technology DM300019 Datasheet HTML 40Page - Microchip Technology DM300019 Datasheet HTML 41Page - Microchip Technology DM300019 Datasheet HTML 42Page - Microchip Technology DM300019 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
dsPICDEM™ Development Board Hardware
© 2006 Microchip Technology Inc.
DS51584B-page 35
4.1.10
Power Supply
The power supply furnishes +5V or +3.3V for the board (see the schematic in
Figure A-4). Source power is provided by a +9V, AC/DC wall adapter through Diode
Bridge CR1. An LM317 voltage regulator provides power (VDD and AVDD) to the
respective processor pins and prototyping area. A ground trace connects all VSS
points.
4.1.11
Power-on Indicator
A red LED (D1) indicates the presence of power (see Figure A-4).
4.1.12
Oscillators
The board provides two crystal oscillators. Y1 operates at 7.37 kHz, and Y2 operates
at 32.768 kHz. A socket is provided for an external oscillator (Y3). The oscillator circuits
are shown in Figure A-4.
4.1.13
Reset Switch
The MCLR Reset switch (S3) connected to the processor MCLR pin provides a hard
reset to the dsPIC DSC or PIC24 MCU device.
4.1.14
Prototyping Area
A prototyping area and associated header is provided which enables additional ICs and
attachment boards to be added.
4.1.15
Sample Device
A sample part programmed with the demonstration code is included in the dsPICDEM
80-Pin Starter Development Board kit. The 80-pin TQFP is soldered onto an adapter
board that plugs into the device header connection (see Figure 4-2).
4.1.16
Line In/Out Connector (J9)
Pins provide line input and output connections for the low-pass filter, as shown in
Figure A-6.
• LINE_OUT – Output signal from digital potentiometer
• LINE_IN – Input signal for ADC
4.1.17
9 VDC Input Jack (J2)
An input jack for 9V external power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com