Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300019 Datasheet(PDF) 13 Page - Microchip Technology

Part # DM300019
Description  Starter Development Board Userís Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300019 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DM300019 Datasheet HTML 9Page - Microchip Technology DM300019 Datasheet HTML 10Page - Microchip Technology DM300019 Datasheet HTML 11Page - Microchip Technology DM300019 Datasheet HTML 12Page - Microchip Technology DM300019 Datasheet HTML 13Page - Microchip Technology DM300019 Datasheet HTML 14Page - Microchip Technology DM300019 Datasheet HTML 15Page - Microchip Technology DM300019 Datasheet HTML 16Page - Microchip Technology DM300019 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Introduction
© 2006 Microchip Technology Inc.
DS51584B-page 9
1.4
FUNCTIONALITY AND FEATURES
The dsPICDEM 80-Pin Starter Development Board provides the following capabilities:
Development Board Power
• On-board variable voltage regulator for 3.3V and 5.0V output with direct input from 9V,
AC/DC wall adapter
• 9 VDC power source input jack for development board
• Power-on indicator LED
MPLAB ICD 2 and MPLAB ICE 4000 Connections
• MPLAB ICD 2 programming connector
• Emulation header for connection to MPLAB ICE 4000
• Pad location for 80-pin TQFP dsPIC DSC device
Serial Communication Channel
• Single RS-232 communication channel
Analog
• One 10 k
Ω Potentiometer (RP2)
• Microchip MCP41010 Digital Potentiometer
• Microchip MCP6022 Operational Amplifier
- Output configured as low-pass filter for digital potentiometer
- Input configured as low-pass filter for sampling input signals with the ADC
Device Clocking
• 7.37 MHz crystal (Y1) for dsPIC DSC device
Miscellaneous
• Reset push button switch (S3) for resetting the dsPIC DSC device
• Four red LEDs (RD4-RD7)
• Two push button switches (S1-S2) for external input stimulus
• 80-pin dual-row header with labeled pinouts.
• Prototype area for user hardware
• Supports 100-to-80-pin dsPIC33F and PIC24 Plug-in Modules
1.5
dsPICDEM 80-PIN STARTER DEVELOPMENT BOARD DEMONSTRATION
PROGRAM
The dsPICDEM 80-Pin Starter Development Board is supplied with a pre-loaded
demonstration program that exercises principal CPU functions and peripheral options
that allow interaction with the program as follows:
• Demonstrates interrupt handling by using switches S1 and S2 to blink LEDs RD4
and RD5, respectively.
• Demonstrates digital-to-analog conversion by generating an audio tone on LINE
OUT.
• Demonstrates analog-to-digital conversion by adjusting Potentiometer RP2 and
transmitting the resulting digital value to the HyperTerminal on a PC.
Refer to Chapter 3. “Demonstration Program Operation” for details on the
demonstration code operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com