Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 20Page - Microchip Technology MCP4728 Datasheet HTML 21Page - Microchip Technology MCP4728 Datasheet HTML 22Page - Microchip Technology MCP4728 Datasheet HTML 23Page - Microchip Technology MCP4728 Datasheet HTML 24Page - Microchip Technology MCP4728 Datasheet HTML 25Page - Microchip Technology MCP4728 Datasheet HTML 26Page - Microchip Technology MCP4728 Datasheet HTML 27Page - Microchip Technology MCP4728 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MCP4728 Evaluation Board User’s Guide
DS51837A-page 20
© 2009 Microchip Technology Inc.
FIGURE 1-13:
VOUT for Example 3: Fast Write Command for Various VOUT. VREF = VDD and
Gain = 1 for All Channels.
V
OUT
V
REF
D
n
×
()
4096
-------------------------------G
x
=
V
OUT A
V
DD
4095
×
()
4096
----------------------------------
V
DD
4096
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD 1
1
4096
------------
–
⎝⎠
⎛⎞
V
DD
LSB
–
=
=
=
=
Next DAC Channels
Fast Mode Write Command
In Script file, Dn for Channel A = 0FFF (hex) = 4095 (decimal)
(A) Channel A Output:
(B) Channel B Output:
In Script file, Dn for Channel B = 07FF (hex) = 2047 (decimal)
V
OUT B
V
DD
2047
×
()
4096
----------------------------------
V
DD
2048
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD
2
----------- 1
2
4096
------------
–
⎝⎠
⎛⎞
V
DD
2
-----------LSB
–
=
=
=
=
(C) Channel C Output:
In Script file, Dn for Channel C = 03FF (hex) = 1023 (decimal)
V
OUT C
V
DD
1023
×
4096
--------------------------------
V
DD
1024
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD
4
----------- 1
4
4096
------------
–
⎝⎠
⎛⎞
V
DD
4
-----------LSB
–
=
=
=
=
(D) Channel D Output:
In Script file, Dn for Channel D = 01FF (hex) = 511 (decimal)
V
OUT D
V
DD
511
×
4096
-----------------------------
V
DD
512
1
–
4096
------------------
⎝⎠
⎛⎞
V
DD
8
----------- 1
8
4096
------------
–
⎝⎠
⎛⎞
V
DD
8
-----------LSB
–
=
=
=
=
DAC Input Data of Channel A = 001111-11111111
DAC A
DAC Input Data of Channel B = 000111-11111111
DAC Input Data of Channel C = 000011-11111111
DAC Input Data of Channel D = 000001-11111111
The following example shows when the device receives the Fast Write command
with the following data:
Start
Stop
1
1
0
0
0
0
0
0 A
0
0
0
0
D11
D10
D9
D8
A
D7
D6
D5
D4
D3
D2
D1
D0
A
Address Byte
2nd Byte
3rd Byte
1st Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com