Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 29Page - Microchip Technology MCP4728 Datasheet HTML 30Page - Microchip Technology MCP4728 Datasheet HTML 31Page - Microchip Technology MCP4728 Datasheet HTML 32Page - Microchip Technology MCP4728 Datasheet HTML 33Page - Microchip Technology MCP4728 Datasheet HTML 34Page - Microchip Technology MCP4728 Datasheet HTML 35Page - Microchip Technology MCP4728 Datasheet HTML 36Page - Microchip Technology MCP4728 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
Quick Start Instructions
© 2009 Microchip Technology Inc.
DS51837A-page 29
FIGURE 1-19:
VOUT for Example 6: VOUT after Sequential Write Command.
V
OUT
V
REF
D
n
×
()
4096
------------------------------- G
x
=
Where:
VREF
=VDD if external VREF is selected
=
2.048V if internal VREF is selected.
Dn
=
Input code
LSB
=
VREF/4096
V
OUTB
V
DD
4095
×
()
4096
---------------------------------- G
x
V
DD
4096
1
–
4096
---------------------
⎝⎠
⎛⎞
V
DD 1
1
4096
------------
–
⎝⎠
⎛⎞
V
DD
LSB
–
=
=
=
=
In Script file, VREF = VDD, Gain (GX) = 1, Dn for Channel B = 0FFF (hex) = 4095 (decimal)
(A) DAC A Output:
Note that Dn and Gain (Gx) must be selected with the following conditions:
V
OUT
V
REF
D
n
×
()
4096
------------------------------- G
x
V
DD
≤
=
(B) DAC B Output:
(C) DAC C Output:
(D) DAC D Output:
No change. Keep its output with previous settings.
In Script file, VREF = Internal, Gain (GX) = 1, Dn for Channel C = 0FFF (hex) = 4095 (decimal)
V
OUTC
V
REF
4095
×
()
4096
------------------------------------ G
x
V
REF
4096
1
–
4096
---------------------
⎝⎠
⎛⎞
V
REF 1
1
4096
------------
–
⎝⎠
⎛⎞
V
REF
LSB
–
=
=
=
=
where V
REF = internal = 2.048V, LSB =0.5 mV
In Script file, VREF = Internal, Gain = 2, Dn for Channel D = 00FF (hex) = 255 (decimal)
V
OUTD
V
REF
255
×
4096
----------------------------G
x
V
REF
255
4096
------------
⎝⎠
⎛⎞
2V
REF 0.06226
() 2
()
0.255V
=
=
=
=
= 2.0475
where V
REF = internal = 2.048V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com