Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4728 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP4728
Description  Evaluation Board User’s Guide
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4728 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP4728 Datasheet HTML 30Page - Microchip Technology MCP4728 Datasheet HTML 31Page - Microchip Technology MCP4728 Datasheet HTML 32Page - Microchip Technology MCP4728 Datasheet HTML 33Page - Microchip Technology MCP4728 Datasheet HTML 34Page - Microchip Technology MCP4728 Datasheet HTML 35Page - Microchip Technology MCP4728 Datasheet HTML 36Page - Microchip Technology MCP4728 Datasheet HTML 37Page - Microchip Technology MCP4728 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
MCP4728 Evaluation Board User’s Guide
DS51837A-page 30
© 2009 Microchip Technology Inc.
1.3.2.14
EXAMPLE 7: TESTING EEPROM FEATURES
The device will upload the EEPROM data to both input and output DAC registers (a)
during power-up sequence or (b) when it receives the General Call Reset command.
One of these conditions makes the analog outputs available immediately with their
current EEPROM settings. Note that the Power-Down bit must be cleared for the
output.
• Testing Procedure:
a.
Write to the EEPROM with one of the examples shown earlier (i.e.,
Section 1.3.2.12 “Example 6: Sequential Write for DAC Input Registers and
EEPROM”).
b.
Measure and record the analog voltage of each channel (VOUT) using a
multimeter.
c.
Turn-off the VDD of the device. If you are using the VDD from the PICkit Serial
Analyzer, disconnect JP1 connect.
d.
Turn-back on the VDD again and measure the analog voltage (VOUT) of each
channel again. Confirm the VOUT is the same as in Step (b).
1.3.2.15
EXAMPLE 8: READING DAC REGISTERS AND EEPROM
This example shows how to read back the DAC input registers and EEPROM data.
Figure 1-20 shows the PICkit Serial script file to read all DAC input registers and
EEPROM data. Once this file is executed, the PC GUI will show you the contents of the
registers and EEPROM.
.
FIGURE 1-20:
Reading the DAC Registers and its EEPROM with a Read Command. See
Figure 1-21 for Details in Reading Data.
18h = 24 (decimal):
Requesting 24 bytes.
Read Command
Reading Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com