Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 17Page - NXP Semiconductors PCF8545ATT Datasheet HTML 18Page - NXP Semiconductors PCF8545ATT Datasheet HTML 19Page - NXP Semiconductors PCF8545ATT Datasheet HTML 20Page - NXP Semiconductors PCF8545ATT Datasheet HTML 21Page - NXP Semiconductors PCF8545ATT Datasheet HTML 22Page - NXP Semiconductors PCF8545ATT Datasheet HTML 23Page - NXP Semiconductors PCF8545ATT Datasheet HTML 24Page - NXP Semiconductors PCF8545ATT Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
21 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
The host microcontroller maintains the two line I2C-bus or a three line SPI-bus
communication channel with the PCF8545. The appropriate biasing voltages for the
multiplexed LCD waveforms are generated internally. The only other connections required
to complete the system are the power supplies (VDD, VSS, VLCD) and the LCD panel
selected for the application.
The minimum recommended values for external capacitors on VDD and VLCD are 100 nF
respectively. Decoupling of VLCD helps to reduce display artifacts. The decoupling
capacitors should be placed close to the IC with short connections to the respective
supply pin and VSS.
8.4 LCD voltage selector
The LCD voltage selector coordinates the multiplexing of the LCD in accordance with the
selected LCD drive configuration. The operation of the voltage selector is controlled by the
set-bias-mode command (see Table 16) and the set-MUX-mode command (see
Table 15).
Fractional LCD biasing voltages are obtained from an internal voltage divider. The biasing
configurations that apply to the preferred modes of operation, together with the biasing
characteristics as functions of VLCD and the resulting discrimination ratios (D), are given in
Table 23.
Fig 11. Typical system configuration for the I2C-bus
Fig 12. Typical system configuration for the SPI-bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com