Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 52 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 48Page - NXP Semiconductors PCF8545ATT Datasheet HTML 49Page - NXP Semiconductors PCF8545ATT Datasheet HTML 50Page - NXP Semiconductors PCF8545ATT Datasheet HTML 51Page - NXP Semiconductors PCF8545ATT Datasheet HTML 52Page - NXP Semiconductors PCF8545ATT Datasheet HTML 53Page - NXP Semiconductors PCF8545ATT Datasheet HTML 54Page - NXP Semiconductors PCF8545ATT Datasheet HTML 55Page - NXP Semiconductors PCF8545ATT Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
52 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Fig 43. I2C-bus timing waveforms
Table 36.
Timing characteristics: SPI-bus
VDD = 1.8 V to 5.5 V; VSS =0V; Tamb = 40 C to +85 C. All timing values are valid within the operating supply voltage and
temperature range and referenced to VIL and VIH with an input voltage swing of VSS to VDD. Timing waveforms see Figure 44.
Symbol
Parameter
Conditions
VDD < 2.7 V
VDD  2.7 V
Unit
Min
Max
Min
Max
fclk(SCL)
SCL clock frequency
-
2
-
5
MHz
tSCL
SCL time
500
-
200
-
ns
tclk(H)
clock HIGH time
200
-
80
-
ns
tclk(L)
clock LOW time
200
-
80
-
ns
tr
rise time
for SCL signal
-
100
-
100
ns
tf
fall time
for SCL signal
-
100
-
100
ns
tsu(CE_N)
CE_N set-up time
150
-
80
-
ns
th(CE_N)
CE_N hold time
0
-
0
-
ns
trec(CE_N)
CE_N recovery time
100
-
100
-
ns
tsu
set-up time
set-up time for
SDI data
10
-5
-ns
th
hold time
hold time for SDI
data
25
-
10
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com