Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCF8545ATT
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 4Page - NXP Semiconductors PCF8545ATT Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
8 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.1.3 Command: mode-settings
[1]
Default value.
[2]
See Section 8.1.3.2.
8.1.3.1
Backplane swapping
Backplane swapping can be configured with the BPS bit (see Table 8). It moves the
location of the backplane and the associated segment outputs from one side of the
PCF8545 to the other. Backplane swapping is sometimes desirable to aid with the routing
of PCBs that do not use multiple layers.
The BPS bit has to be set to the required value before enabling the display. Failure to do
so does not damage the PCF8545 or the display, however unexpected display content
may appear.
Table 7.
OTP-refresh - OTP-refresh command bit description
Bit
Symbol
Value
Description
7 to 0
-
11110000
fixed value
Table 8.
Mode-settings - mode settings command bit description
Bit
Symbol
Value
Description
7 to 4
-
0101
fixed value
3
BPS
backplane swapping
0[1]
backplane configuration 0
1
backplane configuration 1
2INV
set inversion mode
0[1][2]
Driving scheme A: LCD line inversion mode
1
Driving scheme B: LCD frame inversion mode
1PD
set power mode
1
power-down mode; backplane and segment
outputs are connected to VSS and the internal
oscillator is switched off
0[1]
power-up mode
0E
display switch
0[1]
display disabled; backplane and segment
outputs are connected to VSS
1
display enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com