Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/AJ Datasheet(PDF) 14 Page - NXP Semiconductors

Part # PCF8545ATT/AJ
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 11Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 12Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 13Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 14Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 15Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 16Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 17Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
14 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.1.5 Command: set-MUX-mode
The multiplex drive mode is configured with the bits described in Table 15.
[1]
Default value.
8.1.6 Command: set-bias-mode
The set-bias-mode command allows setting the bias level.
[1]
Default value.
8.1.7 Command: frame-frequency
With the frame-frequency command, the frame frequency for the display can be
configured. The clock frequency determines the frame frequency.
When using an external clock it can be either a 230 kHz or a 9.6 kHz clock signal. The
EFR bit (see Table 10) has to be set according to the external clock frequency.
When EFR is set to 9.6 kHz, then the LCD frame frequency is calculated with Equation 1:
(1)
When EFR is set to 230 kHz, then the LCD frame frequency is calculated with Equation 2:
(2)
where q is the frequency divide factor (see Table 18).
Remark: fclk(ext) is the external input clock frequency to pin OSCCLK.
Table 15.
Set-MUX-mode - set multiplex drive mode command bit description
Bit
Symbol
Value
Description
7 to 2
-
000000
fixed value
1 to 0
M[1:0]
00[1], 01
1:8 multiplex drive mode; eight backplanes
10
1:6 multiplex drive mode; 6 backplanes
11
1:4 multiplex drive mode; 4 backplanes
Table 16.
Set-bias-mode - set bias mode command bit description
Bit
Symbol
Value
Description
7 to 2
-
000001
fixed value
1 to 0
B[1:0]
00[1]. 01
1⁄4 bias
11
1⁄3 bias
10
1⁄2 bias
Table 17.
Frame-frequency - frame frequency and output clock frequency command bit
description
Bit
Symbol
Value
Description
7 to 5
-
001
fixed value
4 to 0
FD[4:0]
see Table 18
frequency prescaler
f
fr LCD

f
clk ext

48
-----------------
=
f
fr LCD

f
clk ext

48 q
-----------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com