Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/AJ Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PCF8545ATT/AJ
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PCF8545ATT/AJ Datasheet HTML 3Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 4Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 9Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 10Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
PCF8545
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 13 November 2013
7 of 72
NXP Semiconductors
PCF8545
Universal LCD driver for multiplex rates up to 1:8
8.
Functional description
The PCF8545 is a versatile peripheral device designed to interface any microcontroller to
a wide variety of LCDs. It can directly drive any multiplexed LCD containing up to eight
backplanes and up to 44 segments.
8.1 Commands of PCF8545
The PCF8545 is controlled by 9 commands, which are defined in Table 5. Any other
combinations of operation code bits that are not mentioned in this document may lead to
undesired operation modes of PCF8545.
[1]
Information about control byte and register selection see Section 9.1 on page 36.
8.1.1 Command: initialize
This command generates a chip-wide reset. It has the same function as the RESET pin.
Reset takes 1 ms to complete.
8.1.2 Command: OTP-refresh
During production of the device, each IC is calibrated to achieve the specified accuracy of
the frame frequency. This calibration is performed on EPROM cells called One Time
Programmable (OTP) cells. The device reads these cells every time the OTP-refresh
command is sent. The OTP-refresh command has to be sent after a reset has been made
and before the display is enabled.
This command will be completed after a maximum of 30 ms and requires either the
internal or external clock to run. If the internal oscillator is not used, then a clock must be
supplied to the OSCCLK pin. If the OTP-refresh instruction is sent and no clock is present,
then the request is stored until a clock is available.
Remark: It is recommended not to enter power-down mode during the OTP refresh cycle.
Table 5.
Commands of PCF8545
Command name
Register
selection
RS[1:0][1]
Bits
Reference
7
6
5
4
3
2
1
0
initialize
00
0001
011
0
Section 8.1.1
OTP-refresh
00
1111
000
0
Section 8.1.2
mode-settings
00
0101
BPS
INV
PD
E
Section 8.1.3
oscillator-control
0
0
0001
1EFR
COE
OSC
Section 8.1.4
set-MUX-mode
00
0000
00M[1:0]
Section 8.1.5
set-bias-mode
00
0000
01B[1:0]
Section 8.1.6
frame-frequency
00
001FD[4:0]
Section 8.1.7
load-data-pointer
0
0
1
0
DP[5:0]
Section 8.1.8
write-RAM-data
0
1
D[7:0]
Section 8.1.9
Table 6.
Initialize - initialize command bit description
Bit
Symbol
Value
Description
7 to 0
-
00010110
fixed value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com