Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8545ATT/AJ Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCF8545ATT/AJ
Description  Universal LCD driver for multiplex rates up to 1:8
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT/AJ Datasheet(HTML) 1 Page - NXP Semiconductors

  PCF8545ATT/AJ Datasheet HTML 1Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 2Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 3Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 4Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 5Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 6Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 7Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 8Page - NXP Semiconductors PCF8545ATT/AJ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 72 page
background image
1.
General description
The PCF8545 is a peripheral device which interfaces to almost any Liquid Crystal Display
(LCD)1 with low multiplex rates. It generates the drive signals for any multiplexed LCD
containing up to eight backplanes, and up to 320 elements. The PCF8545 is compatible
with most microcontrollers and communicates via the two-line bidirectional I2C-bus
(PCF8545A) or a three line unidirectional SPI-bus (PCF8545B). Communication
overheads are minimized using a display RAM with auto-incremented addressing.
For a selection of NXP LCD segment drivers, see Table 40 on page 61.
2.
Features and benefits
 Single-chip 320 elements LCD controller and driver
 Wide range for digital power supply: from 1.8 V to 5.5 V
 LCD supply range from 2.5 V up to 5.5 V
 LCD and logic supplies may be separated
 Low power consumption
 Selectable backplane drive configuration: 4, 6, or 8 backplane multiplexing
 Selectable display bias configuration
 320-bit RAM for display data storage
 400 kHz I2C-bus interface (PCF8545A)
 5 MHz SPI-bus interface (PCF8545B)
 Programmable frame frequency in the range of 60 Hz to 300 Hz in steps of 10 Hz;
factory calibrated
 320 segments driven allowing:
 up to 40 7-segment alphanumeric characters
 up to 20 14-segment alphanumeric characters
 any graphics of up to 320 elements
 Manufactured in silicon gate CMOS process
3.
Applications
 Industrial and consumer products
PCF8545
Universal LCD driver for multiplex rates up to 1:8
Rev. 1 — 13 November 2013
Product data sheet
1.
The definition of the abbreviations and acronyms used in this data sheet can be found in Section 21.


Similar Part No. - PCF8545ATT/AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8545ATT NXP-PCF8545ATT Datasheet
547Kb / 54P
Automotive 80 횞 4 LCD driver for low multiplex rates
Rev. 5-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
495Kb / 55P
Automotive 32 x 4 LCD driver for low multiplex rates
Rev. 3-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
494Kb / 54P
Automotive 40 x 4 LCD driver
Rev. 3-12 November 2018
PCF8545ATT NXP-PCF8545ATT Datasheet
652Kb / 51P
Universal 36 횞 4 LCD segment driver
PCF8545ATT NXP-PCF8545ATT Datasheet
653Kb / 51P
40 횞 4 LCD segment driver
More results

Similar Description - PCF8545ATT/AJ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF8566 PHILIPS-PCF8566 Datasheet
243Kb / 40P
Universal LCD driver for low multiplex rates
1998 May 04
PCF8534A NXP-PCF8534A Datasheet
834Kb / 41P
Universal LCD driver for low multiplex rates
Rev.00.90-4 February 2008
PCF8562 NXP-PCF8562 Datasheet
183Kb / 36P
Universal LCD driver for low multiplex rates
Rev. 3-2 December 2008
PCF8576D NXP-PCF8576D Datasheet
267Kb / 52P
Universal LCD driver for low multiplex rates
Rev. 1-18 February 2011
PCA85133 NXP-PCA85133 Datasheet
221Kb / 44P
Universal LCD driver for low multiplex rates
Rev. 1-23 October 2009
PCF8566 NXP-PCF8566 Datasheet
247Kb / 48P
Universal LCD driver for low multiplex rates
Rev. 07-25 February 2009
PCA8537 NXP-PCA8537 Datasheet
2Mb / 82P
Automotive LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8576DU NXP-PCF8576DU Datasheet
371Kb / 57P
Universal LCD driver for low multiplex rates
Rev. 14-10 June 2013
PCF8537 NXP-PCF8537 Datasheet
2Mb / 82P
Industrial LCD driver for multiplex rates up to 1:8
Rev. 1-31 May 2012
PCF8545 NXP-PCF8545 Datasheet
798Kb / 68P
Universal LCD driver for multiplex rates up to 1:8
Rev. 2-4 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com