Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103ID Datasheet(PDF) 7 Page - STMicroelectronics

Part # TSC103ID
Description  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103ID Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TSC103ID Datasheet HTML 3Page - STMicroelectronics TSC103ID Datasheet HTML 4Page - STMicroelectronics TSC103ID Datasheet HTML 5Page - STMicroelectronics TSC103ID Datasheet HTML 6Page - STMicroelectronics TSC103ID Datasheet HTML 7Page - STMicroelectronics TSC103ID Datasheet HTML 8Page - STMicroelectronics TSC103ID Datasheet HTML 9Page - STMicroelectronics TSC103ID Datasheet HTML 10Page - STMicroelectronics TSC103ID Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DocID16873 Rev 3
7/25
TSC103
Electrical characteristics
25
3
Electrical characteristics
The electrical characteristics given in the following tables are measured under the following
test conditions unless otherwise specified.
•
Tamb = 25 °C, Vcc+ = 5 V, Vcc- connected to Gnd (single-supply configuration).
•
Vsense = Vp-Vm = 50 mV, Vm = 12 V, no load on Out, all gain configurations.
Table 4. Supply
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICC
Total supply current
Vsense = 0 V, Tmin < Tamb < Tmax
-
200
360
µA
ICC1
Total supply current
Vsense = 50 mV Av = 50 V/V
Tmin < Tamb < Tmax
300
480
Table 5. Input
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC CMR
DC common-mode rejection
Variation of Vout versus Vicm
referred to input(1)
2.9 V< Vm < 70 V
Tmin < Tamb < Tmax
90
105
dB
AC CMR
AC common-mode rejection
Variation of Vout versus Vicm
referred to input (peak-to-peak
voltage variation)
Av = 50 V/V or 100 V/V
2.9 V< Vm < 30 V
1 kHz sine wave
95
SVR
Supply voltage rejection
Variation of Vout versus VCC(2)
SEL1 = Gnd, SEL2 = Gnd
2.7 V< VCC < 5.5 V
Vsense = 30 mV
Tmin < Tamb < Tmax
85
95
Vos
Input offset voltage(3)
Tamb = 25 ° C
Tmin < Tamb < Tmax
±500
±1100
µV
dVos/dT Input offset drift vs. T
Av = 50 V/V
Tmin < Tamb < Tmax
-20
+5
µV/°C
Ilk
Input leakage current
VCC = 0 V
Tmin < Tamb < Tmax
1
µA
Iib
Input bias current
Vsense = 0 V
Tmin < Tamb < Tmax
10
15
VIL
Logic low voltage threshold
(SEL1 and SEL2)
VCCmin < VCC < VCCmax
Tmin < Tamb < Tmax
-0.3
0.5
V
VIH
Logic high voltage threshold
(SEL1 and SEL2)
VCCmin < VCC < VCCmax
Tmin < Tamb < Tmax
1.2
VCC
Isel
Gain-select pins (SEL1 and SEL2)
input bias current
SEL pin connected to GND or
VCC Tmin < Tamb < Tmax
400
nA
1. See Section 5: Parameter definitions for the definition of CMR.
2. See Section 5 for the definition of SVR.
3. See Section 5 for the definition of Vos.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com