Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103ID Datasheet(PDF) 11 Page - STMicroelectronics

Part # TSC103ID
Description  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103ID Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TSC103ID Datasheet HTML 7Page - STMicroelectronics TSC103ID Datasheet HTML 8Page - STMicroelectronics TSC103ID Datasheet HTML 9Page - STMicroelectronics TSC103ID Datasheet HTML 10Page - STMicroelectronics TSC103ID Datasheet HTML 11Page - STMicroelectronics TSC103ID Datasheet HTML 12Page - STMicroelectronics TSC103ID Datasheet HTML 13Page - STMicroelectronics TSC103ID Datasheet HTML 14Page - STMicroelectronics TSC103ID Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
DocID16873 Rev 3
11/25
TSC103
Electrical characteristics curves: current sense amplifier
25
Figure 8. Vp pin input current vs. Vsense
Figure 9. Vn pin input current vs. Vsense
0
5
10
15
20
25
30
35
40
-100
-50
0
50
100
Vsense (mV)
T = -40 °C
T = 25°C
T = 125 °C
0
2
4
6
8
10
12
14
16
18
20
-100
-50
0
50
100
Vsense (mV)
T = -40 °C
T = 25°C
T = 125 °C
Figure 10. Output stage low-state saturation
voltage vs. output current (Vsense = -1 V)
Figure 11. Output stage high-state saturation
voltage vs. output current (Vsense = +1 V)
0
200
400
600
800
1000
1200
02468
10
Iout (mA)
T = -40 °C
T = 25 °C
T = 125 °C
Output stage
sinking current
0
200
400
600
800
1000
1200
-10
-8-6-4-2
0
Iout (mA)
T = -40 °C
T = 25 °C
T = 125 °C
Output stage
sourcing current
Figure 12. Output stage load regulation
Figure 13. Step response
-6
-5
-4
-3
-2
-1
0
1
-10
-5
0
5
10
Iout (mA)
T = 25°C
T = -40°C
T = 125°C
Output stage
sourcing current
Output stage
sinking current
Vsense
Vout
Vout
500mV/div
Vsense
50mV/div
Time base
4µs/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com