Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC103ID Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSC103ID
Description  High-voltage, high-side current sense amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC103ID Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSC103ID Datasheet HTML 5Page - STMicroelectronics TSC103ID Datasheet HTML 6Page - STMicroelectronics TSC103ID Datasheet HTML 7Page - STMicroelectronics TSC103ID Datasheet HTML 8Page - STMicroelectronics TSC103ID Datasheet HTML 9Page - STMicroelectronics TSC103ID Datasheet HTML 10Page - STMicroelectronics TSC103ID Datasheet HTML 11Page - STMicroelectronics TSC103ID Datasheet HTML 12Page - STMicroelectronics TSC103ID Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
DocID16873 Rev 3
9/25
TSC103
Electrical characteristics
25
Table 7. Frequency response
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ts
Response to input differential
voltage change.
Output settling to 1% of final value
Vsense square pulse applied to
generate a variation of Vout
from 500 mV to 3 V
Cload = 47 pF
-
-
-µs
Av = 20 V/V,
3
Av = 25 V/V
4
Av = 50 V/V
6
Av = 100 V/V
10
tSEL
Response to a gain change.
Output settling to 1% of final value
Any change of state of SEL1
or SEL2 pin
-
1
-µs
trec
Response to common-mode
voltage change.
Output settling to 1% of final value
Vcc+= 5 V, Vcc-= -5 V
Vm step change from -2 V to
30 V or 30 V to -2 V
20
SR
Slew rate
Vsense = 10 mV to 100 mV
0.4
0.6
-
V/µs
BW
3 dB bandwidth
Cload = 47 pF Vm = 12 V
Vsense = 50 mV
Av = 50 V/V
-
700
-
kHz
Table 8. Noise
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
eN
Equivalent input noise voltage
f = 1 kHz
-
40
-
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com