Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7320CD Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7320CD
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CD Datasheet(HTML) 5 Page - Texas Instruments

  ISO7320CD Datasheet HTML 1Page - Texas Instruments ISO7320CD Datasheet HTML 2Page - Texas Instruments ISO7320CD Datasheet HTML 3Page - Texas Instruments ISO7320CD Datasheet HTML 4Page - Texas Instruments ISO7320CD Datasheet HTML 5Page - Texas Instruments ISO7320CD Datasheet HTML 6Page - Texas Instruments ISO7320CD Datasheet HTML 7Page - Texas Instruments ISO7320CD Datasheet HTML 8Page - Texas Instruments ISO7320CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
www.ti.com
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
6.5 Electrical Characteristics, 5 V
VCC1 and VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 11
VCCO
(1)– 0.5
4.7
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 11
VCCO
(1) – 0.1
5
IOL = 4 mA; see Figure 11
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 11
0
0.1
VI(HYS)
Input threshold voltage hysteresis
460
mV
IIH
High-level input current
IN = VCC
10
μA
IIL
Low-level input current
IN = 0 V
–10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 13.
25
65
kV/
μs
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7320
ICC1
0.4
0.9
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
2
3.2
ICC1
0.8
1.4
Supply current for VCC1 and VCC2
10 Mbps
CL = 15pF
mA
ICC2
3.2
4.4
ICC1
1.4
2.3
25 Mbps
CL = 15pF
ICC2
4.9
6.8
ISO7321
DC Input: VI = VCC or 0 V,
1.7
2.8
ICC1 , ICC2
DC to 1 Mbps
AC Input: CL = 15pF
Supply current for VCC1 and VCC2
mA
ICC1 , ICC2
10 Mbps
CL = 15pF
2.5
3.7
ICC1 , ICC2
25 Mbps
CL = 15pF
3.7
5.4
(1)
VCCO is supply voltage, VCC1 or VCC2, for the output channel being measured.
6.6 Electrical Characteristics, 3.3 V
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 11
VCCO
(1)– 0.5
3
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 11
VCCO
(1)– 0.1
3.3
IOL = 4 mA; see Figure 11
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 11
0
0.1
VI(HYS)
Input threshold voltage hysteresis
450
mV
IIH
High-level input current
IN = VCC
10
μA
IIL
Low-level input current
IN = 0 V
-10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 13
25
50
kV/
μs
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7320
ICC1
0.2
0.5
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
1.5
2.5
ICC1
0.5
0.8
Supply current for VCC1 and VCC2
10 Mbps
CL = 15pF
mA
ICC2
2.2
3.2
ICC1
0.9
1.4
25 Mbps
CL = 15pF
ICC2
3.3
4.7
ISO7321
DC Input: VI = VCC or 0 V,
ICC1 , ICC2
DC to 1 Mbps
1.2
2
AC Input: CL = 15pF
Supply current for VCC1 and VCC2
mA
ICC1 , ICC2
10 Mbps
CL = 15pF
1.7
2.5
ICC1 , ICC2
25 Mbps
CL = 15pF
2.5
3.6
(1)
VCCO is supply voltage, VCC1 or VCC2, for the output channel being measured.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com