Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7320CD Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7320CD
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7320CD Datasheet HTML 3Page - Texas Instruments ISO7320CD Datasheet HTML 4Page - Texas Instruments ISO7320CD Datasheet HTML 5Page - Texas Instruments ISO7320CD Datasheet HTML 6Page - Texas Instruments ISO7320CD Datasheet HTML 7Page - Texas Instruments ISO7320CD Datasheet HTML 8Page - Texas Instruments ISO7320CD Datasheet HTML 9Page - Texas Instruments ISO7320CD Datasheet HTML 10Page - Texas Instruments ISO7320CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
High-Level Output Current (mA)
-15
-10
-5
0
0
1
2
3
4
5
6
D005
VCC at 3.3 V
VCC at 5 V
Low-Level Output Current (mA)
0
5
10
15
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
D006
VCC at 3.3 V
VCC at 5 V
Data Rate (Mbps)
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
D003
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
Data Rate (Mbps)
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
D004
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
Data Rate (Mbps)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
D001
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
Data Rate (Mbps)
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
D002
ICC1 at 3.3 V
ICC1 at 5 V
ICC2 at 3.3 V
ICC2 at 5 V
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
www.ti.com
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
6.9 Typical Characteristics
TA = 25°C
CL = 15 pF
TA = 25°C
No Load
Figure 1. ISO7320 Supply Current vs Data Rate
Figure 2. ISO7320 Supply Current vs Data Rate
TA = 25°C
CL = 15 pF
TA = 25°C
No Load
Figure 3. ISO7321 Supply Current vs Data Rate
Figure 4. ISO7321 Supply Current vs Data Rate
TA = 25°C
TA = 25°C
Figure 5. High-Level Output Voltage vs High-Level Output
Figure 6. :Low-Level Output Voltage vs Low-Level Output
Current
Current
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com