Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7320CD Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7320CD
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7320CD Datasheet HTML 8Page - Texas Instruments ISO7320CD Datasheet HTML 9Page - Texas Instruments ISO7320CD Datasheet HTML 10Page - Texas Instruments ISO7320CD Datasheet HTML 11Page - Texas Instruments ISO7320CD Datasheet HTML 12Page - Texas Instruments ISO7320CD Datasheet HTML 13Page - Texas Instruments ISO7320CD Datasheet HTML 14Page - Texas Instruments ISO7320CD Datasheet HTML 15Page - Texas Instruments ISO7320CD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
8.3.1.2 Insulation Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
SPECIFICATION
UNIT
VIOWM
Maximum isolation working voltage
400
VRMS
Maximum repetitive peak voltage per
VIORM
566
VPK
DIN V VDE V 0884-10
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
680
Partial discharge < 5 pC
Method a, After environmental tests subgroup 1,
Input-to-output test voltage per
VPR
VPR = VIORM x 1.6, t = 10 s,
906
VPK
DIN V VDE V 0884-10
Partial Discharge < 5 pC
Method b1,
VPR = VIORM x 1.875, t = 1 s (100% Production test)
1062
Partial discharge < 5 pC
VTEST = VIOTM
Maximum transient overvoltage per
VIOTM
t = 60 sec (qualification)
4242
VPK
DIN V VDE V 0884-10
t= 1 sec (100% production)
Maximum surge isolation voltage per
Test method per IEC 60065, 1.2/50 µs waveform,
VIOSM
6000
VPK
DIN V VDE V 0884-10
VTEST = 1.3 x VIOSM = 7800 VPK (qualification)
VTEST = VISO = 3000 VRMS, t = 60 sec
(qualification);
VISO
Withstand isolation voltage per UL 1577
3000
VRMS
VTEST = 1.2 x VISO = 3600 VRMS, t = 1 sec (100%
production)
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
Table 1. IEC 60664-1 Ratings Table
PARAMETER
TEST CONDITIONS
SPECIFICATION
Basic isolation group
Material group
II
Rated mains voltage
≤ 150 VRMS
I–IV
Installation classification
Rated mains voltage
≤ 300 VRMS
I–III
8.3.1.3 Regulatory Information
VDE
CSA
UL
CQC
Approved under CSA
Certified according to DIN V VDE
Recognized under UL 1577
Component Acceptance Notice
Certified according to GB4943.1-
V 0884-10 (VDE V 0884-
Component Recognition
5A, IEC 60950-1, and IEC
2011
10):2006-12
Program
61010-1
400 VRMS Basic Insulation and
200 VRMS Reinforced Insulation
Basic Insulation
working voltage per CSA
Maximum Transient Overvoltage,
60950-1-07+A1+A2 and IEC
4242 VPK
Basic Insulation, Altitude
≤ 5000 m,
60950-1 2nd Ed.+A1+A2;
Maximum Surge Isolation
Single protection, 3000 VRMS
(1)
Tropical Climate, 250 VRMS
300 VRMS Basic Insulation
Voltage, 6000 VPK
maximum working voltage
working voltage per CSA
Maximum Repetitive Peak
61010-1-12 and IEC 61010-1
Voltage, 566 VPK
3rd Ed.
Master contract number:
Certificate number:
Certificate number: 40016131
File number: E181974
220991
CQC15001121656
(1)
Production tested
≥ 3600 VRMS for 1 second in accordance with UL 1577.
12
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com