Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD31C Datasheet(PDF) 39 Page - Nexperia B.V. All rights reserved

Part # MJD31C
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD31C Datasheet(HTML) 39 Page - Nexperia B.V. All rights reserved

Back Button MJD31C Datasheet HTML 35Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 36Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 37Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 38Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 39Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 40Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 41Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 42Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 43Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 234 page
background image
Package indicator
PA = SOT1061
PAS = SOT1061D
hfe selection:
w/o = min: 63, max: 250
10 = min: 63, max: 160
16 = min: 100, max: 250
BC 51 - 10 - PAS
General purpose power transistors
Low VCEsat transistors
51 = PNP, -45V, -1A
52 = PNP, -60V, -1A
53 = PNP, -80V, -1A
54 = NPN, 45V, 1A
55 = NPN, 60V, 1A
56 = NPN, 80V, 1A
NexPeria BISS
technology transistor
Package Indicator
D
= SOT457
M
= SOT883
T
= SOT23
U
= SOT323
X
= SOT89
Z
= SOT223
MB = SOT883B
QA = SOT1215
PA = DFN2020-3
PAS = DFN2020D-3
Y
= SOT363
Vceo
15 = 15 V
20 = 20 V
30 = 30 V
40 = 40 V
50 = 50 V
60 = 60 V
80 = 80 V
Icmax
1 = 1 A
2 = 2 A
3 = 3 A
4 = 4 A
5 = see selection guide
PBSS 2 5 15 M
2, 4 = NPN
3, 5 = PNP
Silicon transistor
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com