Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD31C Datasheet(PDF) 86 Page - Nexperia B.V. All rights reserved

Part # MJD31C
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD31C Datasheet(HTML) 86 Page - Nexperia B.V. All rights reserved

Back Button MJD31C Datasheet HTML 82Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 83Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 84Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 85Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 86Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 87Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 88Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 89Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 90Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 234 page
background image
Small-signal automotive MOSFETs – Low RDS(on)
Package
SOT223
SOT457
(SC-74)
SOT23
DFN2020MD-6
(SOT1220)
DFN2020D-6
(SOT1118D)
DFN1010D-3
(SOT1215)
Size (mm)
6.5 x 3.5 x 1.65
2.9 x 1.5 x 1.0
2.9 x 1.3 x 1.0
2.0 x 2.0 x 0.65
2.0 x 2.0 x 0.65
1.1 x 1.0 x 0.37
P
tot (mW)
1700
600
250
1250
1250
1000
Polarity
V
DS (V)
V
GS (V)
I
D (A)
V
GS(th)
min (V)
V
GS(th)
max (V)
ESD protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
20
8
7
0.4
1
1
-
15
18
-
PMV15UNEA
4.7
0.45
1
2
-
24
29
40
PMV28UNEA
2.8
0.4
1
2
-
64
78
110
PMV65UNEA
12
12.9
0.4
0.9
2
-
10
12
16
PMPB10XNEA
11.4
0.4
0.9
2
-
12
15
20
PMPB12UNEA
6.3
0.75
1.25
2
-
16
24
-
PMV20XNEA
PMPB20XNEA
30
8
6
0.4
0.9
1
-
13
23
39
PMV19XNEA
12
11.3
0.4
0.9
2
-
13
14
17
PMPB13XNEA
5
0.4
0.9
2
-
28
32
37
PMPB29XNEA
4
0.75
1.25
2
-
55
72
-
PMDPB56XNEA
20
5.5 / 22
1
2.5
2
17
22
-
-
PMN25ENEA
PMV15ENEA
BUK6D22-30E
3.9 / 17
1
2.5
2
30
39
-
-
PMV28ENEA
BUK6D38-30E
3.7 / 11
1
2.5
2
54
70
-
-
PMV52ENEA
BUK6D72-30E
40
15
19
1.4
2.1
-
18
22
-
-
BUK9D23-40E
20
6.2 / 19
1.3
2.7
-
17
22
-
-
PMN20ENA
BUK6D23-40E
19
2.4
4
-
18
-
-
-
BUK7D25-40E
5 / 18
1.5
2.5
2
25
30
-
-
PMN30ENEA
PMV30ENEA
BUK6D30-40E
2.7
1
2.5
1
64
79
-
-
PMV60ENEA
9
1
2.5
1
85
112
BUK6D120-40E
2.5 / 5.7
1
2.5
1
95
120
-
-
PMV130ENEA
60
20
4.2 / 13
1.3
2.7
-
32
38
-
-
PMN40ENA
BUK6D43-60E
3.5 / 11
1.3
2.7
2
37
45
-
-
PMN55ENEA
PMV37ENEA
BUK6D56-60E
11
1.3
2.7
2
59
70
BUK6D77-60E
2.2 / 7.4
1.3
2.7
2
88
104
-
-
PMN120ENEA
PMV88ENEA
BUK6D125-60E
1.5 / 5.7
1.3
2.7
2
176
196
-
-
PMN230ENEA
PMV164ENEA
BUK6D210-60E
0.8
1.3
2.7
2
300
332
-
-
PMV450ENEA
80
20
10
1.3
2.7
2
72
84
-
-
BUK6D81-80E
7
1.3
2.7
2
175
195
-
-
BUK6D230-80E
1.1
1.3
2.7
2
345
390
-
-
PMXB360ENEA
100
20
1.5
1.3
2.7
2
285
301
-
-
PMT280ENEA
PMN280ENEA
PMV280ENEA
BUK6D335-100E
1.1
1.3
2.7
2
527
555
-
-
PMT560ENEA
12
12
11.8
0.47
0.9
-
-
15
17
21
PMPB15XPA
20
8
5.6
0.45
0.95
2
-
27
38
50
PMV27UPEA
2
0.5
1.1
-
-
100
155
210
NX2301P
2.3
0.45
0.95
-
-
120
150
200
BSH205G2
12
10.3
0.47
0.9
2
-
19
22
28
PMPB20XPEA
5
0.47
0.9
2.3
-
28
31
36
PMPB29XPEA
5.3
0.75
1.25
2
-
28
42
-
PMV30XPEA
5
0.47
0.9
2
-
39
45
56
PMPB43XPEA
5.7
0.75
1.25
2
-
41
56
-
PMN42XPEA
3.5
0.75
1.25
-
-
48
71
-
PMN48XPA
PMV48XPA
3.3
0.75
1.25
2
-
67
99
-
PMV65XPEA
2.4
1
2.5
2
-
97
147
-
PMV100XPEA
30
20
8.8
1
2.5
-
24
32
-
-
PMPB27EPA
4.2
1
3
2
35
47
-
-
PMV50EPEA
40
20
1.5
1
2.5
1
180
220
-
-
PMV250EPEA
14
1.4
2.7
-
30
45
BUK6D43-40P
60
20
8
1.9
3.2
-
95
125
BUK6D120-60P
Automotive MOSFETs
Nexperia selection guide 2020
86



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com