Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD31C Datasheet(PDF) 89 Page - Nexperia B.V. All rights reserved

Part # MJD31C
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

MJD31C Datasheet(HTML) 89 Page - Nexperia B.V. All rights reserved

Back Button MJD31C Datasheet HTML 85Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 86Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 87Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 88Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 89Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 90Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 91Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 92Page - Nexperia B.V. All rights reserved MJD31C Datasheet HTML 93Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 234 page
background image
Package
SOT23
SOT363
(SC-88)
SOT323
(SC-70)
DFN1006
(SOT883)
Size (mm)
2.9 x 1.3 x 1.0
2.0 x 1.25 x 0.95
2.0 x 1.25 x 0.95
1.0 x 0.6 x 0.5
P
tot (mW)
250
300
200
250
Polarity
V
DS (V)
V
GS (V)
I
D (A)
V
GS(th)
min (V)
V
GS(th)
max (V)
ESD protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
N
30
8
0.4
0.6
1.1
2
-
1000
1400
2000
NX3008NBK
NX3008NBKS
NX3008NBKW
60
20
0.36
0.9
1.5
-
900
1000
-
-
BSS138P
BSS138PS
BSS138PW
0.36
0.48
1.6
1.5
1000
1100
1400
-
BSS138BK
BSS138BKS
BSS138BKW
0.3
1
2.5
2
1000
1300
-
-
2N7002BK
2N7002BKS
2N7002BKW
2N7002BKM
0.3
1
2.5
3
1100
1300
-
-
2N7002CK
0.2
0.8
1.5
yes
2700
3000
4000
-
BSS138AKA
P
30
8
0.23
0.6
1.1
2
2800
5300
-
NX3008PBK
NX3008PBKS
NX3008PBKW
50
20
0.2
1.1
2.1
1
5300
6000
-
-
BSS84AK
BSS84AKS
BSS84AKW
BSS84AKM
Package
SOT363
(SC-88)
DFN2020D-6
(SOT1118D)
Size (mm)
2.0 x 1.25 x 0.95
2.0 x 2.0 x 0.65
P
tot (mW)
300
1250
Polarity
V
DS (V)
V
GS (V)
I
D (A)
V
GS(th)
min (V)
V
GS(th)
max (V)
ESD protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
N
30
12
4
0.75
1.25
2
-
55
72
-
PMDPB56XNEA
N
20
8
0.73
0.5
0.95
2
-
290
420
600
PMGD290UCEA
P
0.5
0.5
1.3
2
-
670
1200
1800
Package
Type
Polarity
V
DS (V)
V
GS (V)
I
D (A)
V
GSth min (V)
V
GSth max (V)
t
on typ (ns)
t
off typ (ns)
QG typ (nC)
ESD
protection
(kV)
R
DS(on) typ (mΩ) @ VGS =
10 V
4.5 V
2.5 V
1.8 V
1.5 V
1.2 V
SOT363 (SC-88) (2.0 x 1.25 x 0.95)
NX3008CBKS
N
30
8
0.35
0.6
1.1
26
88
0.52
2
-
1000
1400
2000
-
-
P
30
8
0.2
0.6
1.1
49
103
0.55
2
-
2800
5300
-
-
-
Automotive MOSFETs
89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com