Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 141 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 141 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 137Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 138Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 139Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 140Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 141Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 142Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 143Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 144Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 145Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 234 page
background image
Buffers/Inverters/Drivers
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
Output
Load
CL (pF)
t
pd (ns)
f
max
(MHz)
T
amb (°C)
74LVT16240A
16-bit inverter/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.0
150
-40 to 85
74LVT16244B
16-bit buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
1.8
150
-40 to 85
74LVT2241
Octal buffer/line driver with bus hold and 30 Ω
termination resistors (3-state)
2.7 - 3.6
TTL
±12
50
3.3
150
-40 to 85
74LVT2244
Octal buffer/line driver with bus hold and 30 Ω
termination resistors (3-state)
2.7 - 3.6
TTL
±12
50
2.9
150
-40 to 85
74LVT240
Octal inverter/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.5
150
-40 to 85
74LVT241
Octal buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.8
150
-40 to 85
74LVT244A
Octal buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.6
150
-40 to 85
74LVT244B
Octal buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.0
150
-40 to 85
74LVTH125
Quad buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.9
150
-40 to 85
74LVTH16244B
16-bit buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
1.8
150
-40 to 85
74LVTH244A
Octal buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.6
150
-40 to 85
74LVTH244B
Octal buffer/line driver with bus hold (3-state)
2.7 - 3.6
TTL
-32 / 64
50
2.0
150
-40 to 85
74LVTN16244B
16-bit buffer/line driver (3-state)
2.7 - 3.6
TTL
-32 / 64
50
1.8
150
-40 to 85
74VHC125
Quad buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.0
60
-40 to 125
74VHC126
Quad buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.3
60
-40 to 125
74VHC14
Hex inverter; Schmitt-trigger
2.0 - 5.5
CMOS
±8
50
3.2
60
-40 to 125
74VHC244
Octal inverter/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.5
60
-40 to 125
74VHC541
Octal buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.5
60
-40 to 125
74VHCT125
Quad buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.0
60
-40 to 125
74VHCT126
Quad buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.0
60
-40 to 125
74VHCT14
Hex inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
50
4.1
60
-40 to 125
74VHCT244
Octal inverter/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
5.0
60
-40 to 125
74VHCT541
Octal buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.5
60
-40 to 125
HEF40098B
Hex inverter
3.0 - 15.0
CMOS
-10 / 20
50
25
10
-40 to 125
HEF40244B
Octal buffer/line driver (3-state)
3.0 - 15.0
CMOS
-62 / 45
50
30
10
-40 to 125
HEF4049B
Hex inverter/line driver
3.0 - 15.0
CMOS
-3 / 20
50
20
10
-40 to 125
HEF4050B
Hex buffer/line driver
3.0 - 15.0
CMOS
-3 / 20
50
40
10
-40 to 125
HEF4069UB
Hex inverter; unbuffered
3.0 - 15.0
CMOS
±3.4
50
15
10
-40 to 125
PDI1284P11
Printer parallel interface transceiver/buffer
3.0 - 3.6
LVTTL
±14
50
13.9
0 to 70
XC7SET04
Single inverter; TTL-enabled
4.5 - 5.5
TTL
±8
50
3.5
60
-40 to 125
XC7SET125
Single buffer/line driver; TTL-enabled (3-state)
4.5 - 5.5
TTL
±8
50
3.4
60
-40 to 125
XC7SET14
Single inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
50
4.1
60
-40 to 125
XC7SH04
Single inverter
2.0 - 5.5
CMOS
±8
50
3.5
60
-40 to 125
XC7SH125
Single buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.4
60
-40 to 125
XC7SH14
Single inverter; Schmitt-trigger
2.0 - 5.5
CMOS
±8
50
3.2
60
-40 to 125
XC7SHU04
Single inverter; unbuffered
2.0 - 5.5
CMOS
±8
50
3.5
60
-40 to 125
XC7WH126
Dual buffer/line driver (3-state)
2.0 - 5.5
CMOS
±8
50
3.4
60
-40 to 125
XC7WH14
Triple inverter; Schmitt-trigger
2.0 - 5.5
CMOS
±8
50
3.2
60
-40 to 125
XC7WT14
Triple inverter; Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
50
4.1
60
-40 to 125
Asynchronous interface analog & logic ICs
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com