Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0108 Datasheet(PDF) 142 Page - Nexperia B.V. All rights reserved

Part # LSF0108
Description  Discrete and MOSFET components, analog & logic ICs
PDF  234 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

LSF0108 Datasheet(HTML) 142 Page - Nexperia B.V. All rights reserved

Back Button LSF0108 Datasheet HTML 138Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 139Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 140Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 141Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 142Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 143Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 144Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 145Page - Nexperia B.V. All rights reserved LSF0108 Datasheet HTML 146Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 234 page
background image
Schmitt-triggers
Type number
Description
V
CC
(V)
Logic
switching
levels
Output drive
capability
(mA)
t
pd (ns)
Output
Load C
L
(pF)
f
max
(MHz)
Number
of bits
T
amb (°C)
74AHC132
Quad 2-input NAND gate Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.3
50
60
4
-40 to 125
74AHC14
Hex inverter Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.2
50
60
6
-40 to 125
74AHC1G14
Single inverter Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
74AHC1G17
Single buffer Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.2
50
60
1
-40 to 125
74AHC3G14
Triple inverter Schmitt-trigger
2.0 - 5.5
CMOS
±8
3.2
50
60
3
-40 to 125
74AHCT132
Quad 2-input NAND gate Schmitt-trigger;
TTL- enabled
4.5 - 5.5
TTL
±8
3.5
50
60
4
-40 to 125
74AHCT14
Hex inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
4.0
50
60
6
-40 to 125
74AHCT17A
Hex buffer Schmitt-trigger
4.5 - 5.5
TTL
±8
3.2
50
60
8
-40 to 125
74AHCT1G14
Single inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
4.1
50
60
1
-40 to 125
74AHCT1G17
Single buffer Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
4.1
50
60
1
-40 to 125
74AHCT3G14
Triple inverter Schmitt-trigger; TTL-enabled
4.5 - 5.5
TTL
±8
4.1
50
60
3
-40 to 125
74AHCV05A
Hex inverter; Schmitt trigger; open-drain
2.0 - 5.5
CMOS
± 16
5.8
15
10
6
-40 to 125
74AHCV07A
Hex buffer Schmitt-trigger; open-drain
1.8 - 5.5
CMOS
16
3.8
15
60
6
-40 to 125
74AHCV14A
Hex inverter Schmitt-trigger
1.8 - 5.5
CMOS
±16
3.2
15
60
6
-40 to 125
74AHCV17A
Hex buffer Schmitt-trigger
1.8 - 5.5
CMOS
±16
3.2
15
60
6
-40 to 125
74AHCV244A
Octal buffer/line driver Schmitt-trigger (3-state)
1.8 - 5.5
CMOS
±16
3.0
15
60
8
-40 to 125
74AHCV245A
Octal transceiver Schmitt-trigger (3-state)
1.8 - 5.5
CMOS
±16
3.2
15
60
8
-40 to 125
74AHCV541A
Octal buffer/line driver Schmitt-trigger (3-state)
1.8 - 5.5
CMOS
±16
3.0
15
60
8
-40 to 125
74ALVC14
Hex inverter Schmitt-trigger
1.65 - 3.6
TTL
±24
2.4
50
150
6
-40 to 85
74AUP1G132
Single 2-input NAND gate Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
10.0
30
70
1
-40 to 125
74AUP1G14
Single inverter Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
4.7
30
70
1
-40 to 125
74AUP1G17
Single buffer Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
7.8
30
70
1
-40 to 125
74AUP1G57
Configurable gate; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
8.7
30
70
1
-40 to 125
74AUP1G58
Configurable gate; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
8.7
30
70
1
-40 to 125
74AUP1G97
Configurable gate; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
8.7
30
70
1
-40 to 125
74AUP1G98
Configurable gate; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
8.9
30
70
1
-40 to 125
74AUP2G132
Dual 2-input NAND gate Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
10
30
70
2
-40 to 125
74AUP2G14
Dual inverter Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
4.7
30
70
2
-40 to 125
74AUP2G17
Dual buffer Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
7.8
30
70
2
-40 to 125
74AUP2G58
Dual configurable gate; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
8.7
30
70
2
-40 to 125
74AUP2G97
Dual configurable gate; Schmitt-trigger
1.1 - 3.6
CMOS
±1.9
8.7
30
70
2
-40 to 125
Asynchronous interface analog & logic ICs
Types in
bold represent new products
Nexperia selection guide 2020
142



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com