Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CMH/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Part # LM5035CMH/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CMH/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LM5035CMH/NOPB Datasheet HTML 1Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 2Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 3Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 4Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 5Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5
LM5035C
www.ti.com
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
APPLICATION INFORMATION
NAME
HTSSOP
WQFN
CS
7
6
I
Current Sense input for
current limit
If CS exceeds 0.25 V the output pulse will be terminated,
entering cycle-by-cycle current limit. An internal switch
holds CS low for 50 ns after HO or LO switches high to
blank leading edge transients.
SS
8
7
I
Soft-start Input
An internal 110-µA current source charges an external
capacitor to set the soft-start rate. During a current limit
restart sequence, the internal current source is reduced
to 1.2 µA to increase the delay before retry.
DLY
9
8
I
Timing programming pin for
the LO and HO to SR1 and
SR2 outputs.
An external resistor to ground sets the timing for the non-
overlap time of HO to SR1 and LO to SR2.
RES
10
9
I
Restart Timer
If cycle-by-cycle current limit is exceeded during any
cycle, a 22-µA current is sourced to the RES pin
capacitor. If the RES capacitor voltage reaches 2.5 V, the
soft-start capacitor will be fully discharged and then
released with a pullup current of 1.2 µA. After the first
output pulse at LO (when SS > COMP offset, typically
1 V), the SS pin charging current will revert to 110 µA.
HB
11
11
I/O
Boost voltage for the HO
driver
An external diode is required from VCC to HB and an
external capacitor is required from HS to HB to power the
HO gate driver.
HS
12
12
I/O
Switch node
Connection common to the transformer and both power
switches. Provides a return path for the HO gate driver.
HO
13
13
O
High-side gate drive output.
Output of the high-side PWM gate driver. Capable of
sinking 2-A peak current.
LO
14
14
O
Low-side gate drive output.
Output of the low-side PWM gate driver. Capable of
sinking 2-A peak current.
PGND
15
15
GND
Power Ground
Connect directly to Analog Ground.
VCC
16
16
I/O
Output of the high-voltage
start-up regulator. The VCC
voltage is regulated to 7.6
V.
If an auxiliary winding raises the voltage on this pin
above the regulation setpoint, the start-up regulator will
shut down, thus reducing the internal power dissipation.
SR2
17
17
O
Synchronous rectifier driver
output.
Control output of the synchronous FET gate. Capable of
0.5-A peak current.
SR1
18
18
O
Synchronous rectifier driver
output.
Control output of the synchronous FET gate. Capable of
0.5-A peak current.
REF
19
19
O
Output of 5-V Reference
Maximum output current is 20 mA. Locally decoupled
with a 0.1-µF capacitor.
VIN
20
21
I
Input voltage source
Input to the start-up regulator. Operating input range is
13 V to 100 V with transient capability to 105 V. For
power sources outside of this range, the LM5035C can
be biased directly at VCC by an external regulator.
EP
EP
EP
GND
Exposed Pad, underside of
package
No electrical contact. Connect to system ground plane for
reduced thermal resistance.
NC
—
1
—
No connection
No electrical contact.
NC
—
10
—
No connection
No electrical contact.
NC
—
20
—
No connection
No electrical contact.
NC
—
22
—
No connection
No electrical contact.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com