Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CMH/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5035CMH/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CMH/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5035CMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 10Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 11Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 12Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 13Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 14Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 15Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
12
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM5035C PWM controller contains all of the features necessary to implement half-bridge voltage-mode
controlled power converters. The LM5035C provides two gate driver outputs to directly drive the primary side
power MOSFETs and two signal level outputs to control secondary synchronous rectifiers through an isolation
interface. Secondary side drivers, such as the LM5110, are typically used to provide the necessary gate drive
current to control the sync MOSFETs. Synchronous rectification allows higher conversion efficiency and greater
power density than conventional PN or Schottky rectifier techniques. The LM5035C can be configured to operate
with bias voltages ranging from 8 V to 105 V. Additional features include line undervoltage lockout, cycle-by-cycle
current limit, voltage feedforward compensation, hiccup mode fault protection with adjustable delays, soft start, a
2-MHz capable oscillator with synchronization capability, precision reference, thermal shutdown, and
programmable volt•second clamping. These features simplify the design of voltage-mode half-bridge DC-DC
power converters. See Functional Block Diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com