Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5035CMH/NOPB Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5035CMH/NOPB
Description  LM5035C PWM Controller With Integrated Half-Bridge and SyncFET Drivers
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5035CMH/NOPB Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5035CMH/NOPB Datasheet HTML 4Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 5Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 6Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 7Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 8Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 9Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 10Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 11Page - Texas Instruments LM5035CMH/NOPB Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
8
LM5035C
SNVS631D – JANUARY 2010 – REVISED OCTOBER 2016
www.ti.com
Product Folder Links: LM5035C
Submit Documentation Feedback
Copyright © 2010–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Specifications with standard typeface are for TJ = 25°C, unless indicating that type applies over full operating junction
temperature range. VVIN = 48 V, VVCC = 10 V externally applied, RRT = 15 kΩ, RDLY = 27.4 kΩ, VUVLO = 3 V, VOVP = 0 V unless
otherwise stated. See
(1) and (2).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT RESTART (RES PIN)
VRES
RES threshold
TJ = 25°C
2.5
V
TJ = –40°C to 125°C
2.4
2.6
Charge source current
VRES = 1.5 V
TJ = 25°C
22
µA
TJ = –40°C to 125°C
16
28
Discharge sink current
VRES = 1 V
TJ = 25°C
12
µA
TJ = –40°C to 125°C
8
16
SOFT-START (SS PIN)
ISS
Charging current in normal
operation
VSS = 0
TJ = 25°C
110
µA
TJ = –40°C to 125°C
80
140
Charging current during a hiccup
mode restart
VSS = 0
TJ = 25°C
1.2
µA
TJ = –40°C to 125°C
0.6
1.8
OSCILLATOR (RT PIN)
FSW1
Frequency 1 (at HO, half
oscillator frequency)
RRT = 15 kΩ
TJ = 25°C
200
kHz
TJ = –40°C to 125°C
185
215
RRT = 15 kΩ
TJ = –40°C to 125°C
180
220
FSW2
Frequency 2 (at HO, half
oscillator frequency)
RRT = 5.49 kΩ
TJ = 25°C
500
kHz
TJ = –40°C to 125°C
430
570
DC level
2
V
Input sync threshold
TJ = 25°C
3
V
TJ = –40°C to 125°C
2.5
3.4
PWM CONTROLLER (COMP PIN)
Delay to output
80
ns
VPWM-OS
SS to RAMP offset
TJ = 25°C
1
V
TJ = –40°C to 125°C
0.7
1.2
Minimum duty cycle
SS = 0 V
TJ = –40°C to 125°C
0%
Small signal impedance
ICOMP = 600 µA, COMP current to PWM voltage
6200
Ω
MAIN OUTPUT DRIVERS (HO AND LO PINS)
Output high voltage
IOUT = 50 mA, VHB - VHO,
VVCC - VLO
TJ = 25°C
0.25
V
TJ = –40°C to 125°C
0.5
Output low voltage
IOUT = 100 mA
TJ = 25°C
0.2
V
TJ = –40°C to 125°C
0.5
Rise time
CLOAD = 1 nF
15
ns
Fall time
CLOAD = 1 nF
13
ns
Peak source current
VHO,LO = 0 V, VVCC = 10 V
1.25
A
Peak sink current
VHO,LO = 10 V, VVCC = 10 V
2
A
HB threshold
VCC rising
3.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com