Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109AMA/NOPB.B Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5109AMA/NOPB.B
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5109AMA/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 16Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
J
A
LM5109A
JA
T
T
P
R
T
LM5109A
12
10 A 0.95
2 10 17 n
P
C 500 kHz
7
10 V 0.6 mA
9 V 0.2 mA
7
2 V 0.5 nC
2
500 kHz
0.134 W
12
4.7
2.2
V
:
u
P u
u
u
u
u
u
u
:
:
u
u
:
GD_R
SW
GD_R
Gate
GFE
QG1
T
&
G
n
2
I t
DD
_
R
¦
R
R
R
P
2 V
Q
u
u
u
u
DD
OLL
LOL
Gate
FET_Int
V
I
R
R
R
DD
OHL
LOH
Gate
GFET_Int
V
I
R
R
R
DD
DH
OLH
HOL
Gate
GFET_Int
V
V
I
R
R
R
13
LM5109A
www.ti.com
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
where
•
RHOL is the HO pulldown resistance
(8)
Peak LO pullup current is shown in Equation 9.
where
•
RLOH is the LO pullup resistance
(9)
Peak LO pulldown current is shown in Equation 10.
where
•
RLOL is the LO pulldown resistance
(10)
For some scenarios, if the applications require fast turnoff, an anti-paralleled diode on RGate could be used to
bypass the external gate drive resistor and speed up turnoff transition.
8.2.2.4 Estimate the Driver Power Loss
The total driver IC power dissipation can be estimated through the following components.
1. Static power losses, PQC, due to quiescent current – IDD and IHB
PQC = VDD × IDD + (VDD – VDH) × IHB
(11)
2. Level-shifter losses, PIHBS, due high-side leakage current – IHBS
PIHBS = VHB × IHBS × D
where
•
D is the high-side switch duty cycle
(12)
3. Dynamic losses, PQG1&2, due to the FETs gate charge – QG
where
•
QG = Total FETs gate charge
•
fSW = Switching frequency
•
RGD_R = Average value of pullup and pulldown resistor
•
RGate = External gate drive resistor
•
RGFET_Int = Internal FETs gate resistor
(13)
4. Level-shifter dynamic losses, PLS, during high-side switching due to required level-shifter charge on each
switching cycle – QP
PLS = VHB × QP × fSW
(14)
In this example, the estimated gate driver loss in LM5109A is shown in Equation 15.
(15)
For a given ambient temperature, the maximum allowable power loss of the IC can be defined as shown in
Equation 16.
where



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com