Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109AMA/NOPB.B Datasheet(PDF) 23 Page - Texas Instruments

Part # LM5109AMA/NOPB.B
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB.B Datasheet(HTML) 23 Page - Texas Instruments

Back Button LM5109AMA/NOPB.B Datasheet HTML 19Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 20Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 21Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 22Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 23Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 24Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 25Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 26Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
www.ti.com
PACKAGE OUTLINE
C
8X
0.35
0.25
3 0.05
2X
2.4
2.6 0.05
6X 0.8
0.8 MAX
0.05
0.00
8X
0.5
0.3
A
4.1
3.9
B
4.1
3.9
(0.2) TYP
WSON - 0.8 mm max height
NGT0008A
PLASTIC SMALL OUTLINE - NO LEAD
4214935/A 08/2020
PIN 1 INDEX AREA
SEATING PLANE
0.08 C
1
4
5
8
PIN 1 ID
0.1
C A B
0.05
C
THERMAL PAD
EXPOSED
SYMM
SYMM
9
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SCALE 3.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com