Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5109AMA/NOPB.B Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5109AMA/NOPB.B
Description  LM5109A High Voltage 1A Peak Half Bridge Gate Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5109AMA/NOPB.B Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5109AMA/NOPB.B Datasheet HTML 8Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 9Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 10Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 11Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 12Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 13Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 14Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 15Page - Texas Instruments LM5109AMA/NOPB.B Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
DD
DH
OHH
HOH
Gate
GFET_Int
V
V
10 V 1 V
I
0.48 A
R
R
R
1.2 V / 100 mA
4.7
2.2
:
:
DD
DH
DBoot(pk)
Boot
V
V
10 V 1 V
I
4 A
R
2.2
|
:
Total
Boot
HB
Q
17.5 nC
C
7.6 nF
V
2.3 V
'
12
LM5109A
SNVS412C – APRIL 2006 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM5109A
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
•
IHBS = HB to VSS Leakage current
•
DMax = Converter maximum duty cycle
•
IHB = HB Quiescent current
(2)
Therefore, the minimum CBoot must be:
(3)
In practice, the value of the CBoot capacitor must be greater than calculated to allow for situations where the
power stage may skip pulse due to load transients. TI recommends having enough margins and place the
bootstrap capacitor as close to the HB and HS pins as possible.
CBoot = 100 nF
(4)
As a general rule the local VDD bypass capacitor must be 10 times greater than the value of CBoot, as shown in
Equation 5.
CVDD = 1 µF
(5)
The bootstrap and bias capacitors must be ceramic types with X7R dielectric. The voltage rating must be twice
that of the maximum VDD considering capacitance tolerances once the devices have a DC bias voltage across
them and to ensure long-term reliability.
8.2.2.2 Select External Bootstrap Diode and Its Series Resistor
The bootstrap capacitor is charged by the VDD through the external bootstrap diode every cycle when low-side
MOSFET turns on. The charging of the capacitor involves high peak currents, and therefore transient power
dissipation in the bootstrap diode may be significant and the conduction loss also depends on its forward voltage
drop. Both the diode conduction losses and reverse recovery losses contribute to the total losses in the gate
driver circuit.
For the selection of external bootstrap diodes, see AN-1317 Selection of External Bootstrap Diode for LM510X
Devices (SNVSA083). Bootstrap resistor RBOOT is selected to reduce the inrush current in DBOOT and limit the
ramp up slew rate of voltage of VHB-HS during each switching cycle, especially when HS pin have excessive
negative transient voltage. RBOOT recommended value is between 2 Ω and 10 Ω depending on diode selection. A
current limiting resistor of 2.2 Ω is selected to limit inrush current of bootstrap diode, and the estimated peak
current on the DBoot is shown in Equation 6.
where
•
VDH is the bootstrap diode forward voltage drop
(6)
8.2.2.3 Selecting External Gate Driver Resistor
The external gate driver resistor, RGATE, is sized to reduce ringing caused by parasitic inductances and
capacitances and also to limit the current coming out of the gate driver.
Peak HO pullup current are calculated in Equation 7.
where
•
IOHH = Peak pullup current
•
VDH = Bootstrap diode forward voltage drop
•
RHOH = Gate driver internal HO pullup resistance, provide by driver data sheet directly or estimated from the
testing conditions, that is RHOH = VOHH / IHO
•
RGate = External gate drive resistance
•
RGFET_Int = MOSFET internal gate resistance, provided by transistor data sheet
(7)
Similarly, Peak HO pulldown current is shown in Equation 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com