Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6653-125EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 24Page - Analog Devices AD6653-125EBZ Datasheet HTML 25Page - Analog Devices AD6653-125EBZ Datasheet HTML 26Page - Analog Devices AD6653-125EBZ Datasheet HTML 27Page - Analog Devices AD6653-125EBZ Datasheet HTML 28Page - Analog Devices AD6653-125EBZ Datasheet HTML 29Page - Analog Devices AD6653-125EBZ Datasheet HTML 30Page - Analog Devices AD6653-125EBZ Datasheet HTML 31Page - Analog Devices AD6653-125EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
AD6653
Rev. 0 | Page 28 of 80
If a low jitter clock source is not available, another option is to
ac-couple a differential PECL signal to the sample clock input
pins as shown in Figure 59. The AD9510/AD9511/AD9512/
AD9513/AD9514/AD9515/AD9516 clock drivers offer excellent
jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
240Ω
240Ω
AD951x
PECL DRIVER
50kΩ
50kΩ
CLK–
CLK+
ADC
AD6653
CLOCK
INPUT
CLOCK
INPUT
Figure 59. Differential PECL Sample Clock (Up to 625 MHz)
A third option is to ac-couple a differential LVDS signal to the
sample clock input pins, as shown in Figure 60. The AD9510/
AD9511/AD9512/AD9513/AD9514/AD9515/AD9516 clock
drivers offer excellent jitter performance.
100Ω
0.1µF
0.1µF
0.1µF
0.1µF
50kΩ
50kΩ
CLK–
CLK+
ADC
AD6653
CLOCK
INPUT
CLOCK
INPUT
AD951x
LVDS DRIVER
Figure 60. Differential LVDS Sample Clock (Up to 625 MHz)
In some applications, it may be acceptable to drive the sample clock
inputs with a single-ended CMOS signal. In such applications,
the CLK+ pin should be driven directly from a CMOS gate, and the
CLK− pin should be bypassed to ground with a 0.1 μF capacitor
in parallel with a 39 kΩ resistor (see Figure 61). CLK+ can be
driven directly from a CMOS gate. Although the CLK+ input
circuit supply is AVDD (1.8 V), this input is designed to withstand
input voltages of up to 3.6 V, making the selection of the drive logic
voltage very flexible.
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
39kΩ
50Ω
CLK–
CLK+
ADC
AD6653
VCC
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 61. Single-Ended 1.8 V CMOS Sample Clock (Up to 150 MSPS)
OPTIONAL
100Ω
0.1µF
0.1µF
0.1µF
VCC
50Ω
CLK–
CLK+
ADC
AD6653
1kΩ
1kΩ
CLOCK
INPUT
AD951x
CMOS DRIVER
Figure 62. Single-Ended 3.3 V CMOS Sample Clock (Up to 150 MSPS)
Input Clock Divider
The AD6653 contains an input clock divider with the ability to
divide the input clock by integer values between 1 and 8. If a
divide ratio other than 1 is selected, the duty cycle stabilizer is
automatically enabled.
The AD6653 clock divider can be synchronized using the external
SYNC input. Bit 1 and Bit 2 of Register 0x100 allow the clock
divider to be resynchronized on every SYNC signal or only on
the first SYNC signal after the register is written. A valid SYNC
causes the clock divider to reset to its initial state.
This synchronization feature allows multiple parts to have their
clock dividers aligned to guarantee simultaneous input sampling.
Clock Duty Cycle
Typical high speed ADCs use both clock edges to generate
a variety of internal timing signals and, as a result, may be
sensitive to clock duty cycle. Commonly, a ±5% tolerance is
required on the clock duty cycle to maintain dynamic performance
characteristics.
The AD6653 contains a duty cycle stabilizer (DCS) that retimes
the nonsampling (falling) edge, providing an internal clock
signal with a nominal 50% duty cycle. This allows the user to
provide a wide range of clock input duty cycles without affecting
performance of the AD6653. Noise and distortion performance
are nearly flat for a wide range of duty cycles with the DCS on,
as shown in Figure 44.
Jitter on the rising edge of the input clock is still of paramount
concern and is not easily reduced by the internal stabilization
circuit. The duty cycle control loop does not function for clock
rates less than 20 MHz nominally. The loop has a time constant
associated with it that must be considered when the clock rate
can change dynamically. A wait time of 1.5 μs to 5 μs is required
after a dynamic clock frequency increase or decrease before the
DCS loop is relocked to the input signal. During the time period
that the loop is not locked, the DCS loop is bypassed, and internal
device timing is dependent on the duty cycle of the input clock
signal. In such applications, it may be appropriate to disable the
duty cycle stabilizer. In all other applications, enabling the DCS
circuit is recommended to maximize ac performance.
Jitter Considerations
High speed, high resolution ADCs are sensitive to the quality
of the clock input. The degradation in SNR at a given input
frequency (fIN) due to jitter (tJ) can be calculated by
[
]
J
IN
t
πf
SNR
×
−
=
2
log
20
In the equation, the rms aperture jitter represents the root mean
square of all jitter sources, which include the clock input, the
analog input signal, and the ADC aperture jitter specification.
IF undersampling applications are particularly sensitive to jitter,
as shown in Figure 63.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com