Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6653-125EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6653-125EBZ Datasheet HTML 3Page - Analog Devices AD6653-125EBZ Datasheet HTML 4Page - Analog Devices AD6653-125EBZ Datasheet HTML 5Page - Analog Devices AD6653-125EBZ Datasheet HTML 6Page - Analog Devices AD6653-125EBZ Datasheet HTML 7Page - Analog Devices AD6653-125EBZ Datasheet HTML 8Page - Analog Devices AD6653-125EBZ Datasheet HTML 9Page - Analog Devices AD6653-125EBZ Datasheet HTML 10Page - Analog Devices AD6653-125EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
AD6653
Rev. 0 | Page 7 of 80
DIGITAL SPECIFICATIONS
AVDD = 1.8 V, DVDD = 1.8 V, DRVDD = 1.8 V, maximum sample rate, VIN = −1.0 dBFS differential input, 1.0 V internal reference,
DCS enabled, unless otherwise noted.
Table 3.
AD6653BCPZ-125
AD6653BCPZ-150
Parameter
Temp
Min
Typ
Max
Min
Typ
Max
Unit
DIFFERENTIAL CLOCK INPUTS
(CLK+, CLK−)
Logic Compliance
CMOS/LVDS/LVPECL
CMOS/LVDS/LVPECL
Internal Common-Mode Bias
Full
1.2
1.2
V
Differential Input Voltage
Full
0.2
6
0.2
6
V p-p
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
AVDD − 0.3
AVDD + 1.6
V
Input Common-Mode Range
Full
1.1 V
AVDD
1.1 V
AVDD
V
High Level Input Voltage
Full
1.2
3.6
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
0
0.8
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Capacitance
Full
4
4
pF
Input Resistance
Full
8
10
12
8
10
12
kΩ
SYNC INPUT
Logic Compliance
CMOS
CMOS
Internal Bias
Full
1.2
1.2
V
Input Voltage Range
Full
AVDD − 0.3
AVDD + 1.6
AVDD − 0.3
AVDD + 1.6
V
High Level Input Voltage
Full
1.2
3.6
1.2
3.6
V
Low Level Input Voltage
Full
0
0.8
0
0.8
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Capacitance
Full
4
4
pF
Input Resistance
Full
8
10
12
8
10
12
kΩ
LOGIC INPUT (CSB)1
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
40
132
40
132
μA
Input Resistance
Full
26
26
kΩ
Input Capacitance
Full
2
2
pF
LOGIC INPUT (SCLK/DFS)2
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−92
−135
−92
−135
μA
Low Level Input Current
Full
−10
+10
−10
+10
μA
Input Resistance
Full
26
26
kΩ
Input Capacitance
Full
2
2
pF
LOGIC INPUTS (SDIO/DCS, SMI SDFS)1
High Level Input Voltage
Full
1.22
3.6
1.22
3.6
V
Low Level Input Voltage
Full
0
0.6
0
0.6
V
High Level Input Current
Full
−10
+10
−10
+10
μA
Low Level Input Current
Full
38
128
38
128
μA
Input Resistance
Full
26
26
kΩ
Input Capacitance
Full
5
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com