Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6653-125EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD6653-125EBZ
Description  IF Diversity Receiver
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6653-125EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD6653-125EBZ Datasheet HTML 1Page - Analog Devices AD6653-125EBZ Datasheet HTML 2Page - Analog Devices AD6653-125EBZ Datasheet HTML 3Page - Analog Devices AD6653-125EBZ Datasheet HTML 4Page - Analog Devices AD6653-125EBZ Datasheet HTML 5Page - Analog Devices AD6653-125EBZ Datasheet HTML 6Page - Analog Devices AD6653-125EBZ Datasheet HTML 7Page - Analog Devices AD6653-125EBZ Datasheet HTML 8Page - Analog Devices AD6653-125EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
IF Diversity Receiver
AD6653
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
SNR = 70.8 dBc (71.8 dBFS) in a 32.7 MHz BW at
70 MHz @ 150 MSPS
SFDR = 83 dBc to 70 MHz @ 150 MSPS
1.8 V analog supply operation
1.8 V to 3.3 V CMOS output supply or 1.8 V LVDS
output supply
Integer 1-to-8 input clock divider
Integrated dual-channel ADC
Sample rates up to 150 MSPS
IF sampling frequencies to 450 MHz
Internal ADC voltage reference
Integrated ADC sample-and-hold inputs
Flexible analog input range: 1 V p-p to 2 V p-p
ADC clock duty cycle stabilizer
95 dB channel isolation/crosstalk
Integrated wideband digital downconverter (DDC)
32-bit, complex, numerically controlled oscillator (NCO)
Decimating half-band filter and FIR filter
Supports real and complex output modes
Fast attack/threshold detect bits
Composite signal monitor
Energy-saving power-down modes
APPLICATIONS
Communications
Diversity radio systems
Multimode digital receivers (3G)
TD-SCDMA, WiMax, WCDMA,
CDMA2000, GSM, EDGE, LTE
I/Q demodulation systems
Smart antenna systems
General-purpose software radios
Broadband data applications
PRODUCT HIGHLIGHTS
1.
Integrated dual, 12-bit, 125 MSPS/150 MSPS ADC.
2.
Integrated wideband decimation filter and 32-bit
complex NCO.
3.
Fast overrange detect and signal monitor with serial output.
4.
Proprietary differential input maintains excellent SNR
performance for input frequencies up to 450 MHz.
5.
Flexible output modes, including independent CMOS,
interleaved CMOS, IQ mode CMOS, and interleaved LVDS.
6.
SYNC input allows synchronization of multiple devices.
7.
3-bit SPI port for register programming and register readback.
FUNCTIONAL BLOCK DIAGRAM
AVDD
FD[0:3]A
DVDD
DRVDD
AD6653
VIN+A
VIN–A
VREF
SENSE
CML
RBIAS
SHA
SYNC
FD[0:3]B
SMI
SDFS
SMI
SCLK/
PDWN
SMI
SDO/
OEB
REF
SELECT
ADC
I
Q
Q
I
VIN–B
VIN+B
D11A
D0A
CLK+
CLK–
DCOA
DCOB
D11B
D0B
SHA
ADC
MULTI-CHIP
SYNC
SIGNAL
MONITOR
DIVIDE 1
TO 8
DUTY
CYCLE
STABILIZER
AGND
SIGNAL MONITOR
INTERFACE
SIGNAL MONITOR
DATA
SDIO/
DCS
SCLK/
DFS
CSB
DRGND
SPI
PROGRAMMING DATA
FD BITS/THRESHOLD
DETECT
FD BITS/THRESHOLD
DETECT
32-BIT
TUNING
NCO
fADC/8
NCO
LP/HP
DECIMATING
HB FILTER +
FIR
LP/HP
DECIMATING
HB FILTER +
FIR
DCO
GENERATION
NOTES
1. PIN NAMES ARE FOR THE CMOS PIN CONFIGURATION ONLY; SEE FIGURE 10 FOR LVDS PIN NAMES.
Figure 1.


Similar Part No. - AD6653-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6650 AD-AD6650 Datasheet
594Kb / 28P
Diversity IF to Baseband GSM/EDGE Narrowband Receiver
AD6650 AD-AD6650 Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650/PCB AD-AD6650/PCB Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
AD6650/PCB AD-AD6650/PCB Datasheet
755Kb / 45P
GSM/EDGE Narrow-Band Receiver
29-Nov-2017
AD6650ABC AD-AD6650ABC Datasheet
1Mb / 44P
AD6650 Diversity IF-to-Baseband GSM/EDGE Narrow-Band Receiver
REV. A
More results

Similar Description - AD6653-125EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD6655 AD-AD6655 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. 0
AD6655ABCPZ-80 AD-AD6655ABCPZ-80 Datasheet
2Mb / 88P
IF Diversity Receiver
REV. A
AD6655 AD-AD6655_15 Datasheet
2Mb / 84P
IF Diversity Receiver
REV. B
AD6649 AD-AD6649_14 Datasheet
1Mb / 40P
IF Diversity Receiver
REV. C
AD6674 AD-AD6674 Datasheet
2Mb / 91P
385 MHz BW IF Diversity Receiver
REV. B
AD6679 AD-AD6679 Datasheet
1Mb / 81P
135 MHz BW IF Diversity Receiver
REV. B
AD6649 AD-AD6649_17 Datasheet
1Mb / 41P
IF Diversity Receiver
23-Feb-2017
AD6655 AD-AD6655_17 Datasheet
2Mb / 85P
IF Diversity Receiver
15-Jul-2017
AD6674 AD-AD6674_17 Datasheet
4Mb / 97P
385 MHz BW IF Diversity Receiver
23-Feb-2017
AD6679 AD-AD6679_17 Datasheet
1Mb / 82P
135 MHz BW IF Diversity Receiver
23-Feb-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com