Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MS1 Datasheet(PDF) 7 Page - Multicomp Pro

Part # 1MS1
Description  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MS1 Datasheet(HTML) 7 Page - Multicomp Pro

Back Button 1MS1 Datasheet HTML 3Page - Multicomp Pro 1MS1 Datasheet HTML 4Page - Multicomp Pro 1MS1 Datasheet HTML 5Page - Multicomp Pro 1MS1 Datasheet HTML 6Page - Multicomp Pro 1MS1 Datasheet HTML 7Page - Multicomp Pro 1MS1 Datasheet HTML 8Page - Multicomp Pro 1MS1 Datasheet HTML 9Page - Multicomp Pro 1MS1 Datasheet HTML 10Page - Multicomp Pro 1MS1 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Page <7>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
B14 Splash
Proof
B18
B20
Dimensions : Inches (Millimetres)
PTFE
Use with T7, T8 and T10 actuators
only with plastic (PTFE) Insert
Use with T7, T8 and T10 actuators only
B18, B20 Bear Strength from top of
actuator up to 20kg aside up to 15kg
Panel Mounting
1/4 In Bushing
Metric Bushing
15/32 In Bushing
15/32 In Bushing
Metric Bushing
1/4 In Bushing
Termination Options
M1 Solder Lug
M2 PC Thru-Hole
M5 Wire Wrap
M3 Quick Connect
Option
Code
Dimension
‘A’
M5-1
0.736 (18.7)
M5-2
0.953 (24.2)
M5-3
0.415 (10.55)
M5-4
1.062 (26.97)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com