Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MS1 Datasheet(PDF) 10 Page - Multicomp Pro

Part # 1MS1
Description  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MS1 Datasheet(HTML) 10 Page - Multicomp Pro

Back Button 1MS1 Datasheet HTML 3Page - Multicomp Pro 1MS1 Datasheet HTML 4Page - Multicomp Pro 1MS1 Datasheet HTML 5Page - Multicomp Pro 1MS1 Datasheet HTML 6Page - Multicomp Pro 1MS1 Datasheet HTML 7Page - Multicomp Pro 1MS1 Datasheet HTML 8Page - Multicomp Pro 1MS1 Datasheet HTML 9Page - Multicomp Pro 1MS1 Datasheet HTML 10Page - Multicomp Pro 1MS1 Datasheet HTML 11Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Page <10>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Contact Material Options
Contact Plating
Terminal Plating
Ratings
Q
Silver
Q = Silver
5 Amperes with resistant load at 120V AC or 28V DC
2 Amps with resistant load at 250V AC
S
S = Silver, pure-tin
C
Gold over Silver
C = Gold over silver
K
K = Gold over silver, pure-tin
R
Gold
R = Gold
0.4 Volt-Amperes (VA) maximum at (20 V maximum
(AC or DC)
G
G = Gold, pure-tin
Soldering Process
Manual Soldering : Use soldering iron of 30 watts, controlled at 350°C
approximately 5 seconds while applying solder
Wave Soldering : Recommended soldering temperature : 260 ±5°C
Duration of solder immersion
: Maximum 5 ±1 seconds. (PCB is 1.6 mm in thickness)
Soldering
: Vapour Phase
Part Number Table
Description
Part Number
Switch, PCB, DPDT, ON-MOM
1MD2T2B4VS3RE
Switch, PCB, DPDT, MOM-OFF-MOM
1MD4T2B4VS3RE
Switch, PCB, DPDT, ON-OFF-ON
1MD3T2B4VS3RE
Switch, PCB, DPDT, ON-OFF-MOM
1MD5T2B4VS3RE
Switch, PCB, DPDT, ON-ON-ON
1MD6T2B4VS3RE
Switch, PCB, SPDT, ON-MOM
1MS2T2B4M6RE
Switch, PCB, SPDT, ON-OFF-MOM
1MS5T2B4M6RE
Switch, PCB, DPDT, ON-MOM
1MD2T2B4M6RE
Switch, PCB, DPDT, MOM-OFF-MOM
1MD4T2B4M6RE
Switch, PCB, DPDT, ON-OFF-MOM
1MD5T2B4M6RE
Switch, PCB, DPDT, ON-ON-ON
1MD6T2B4M6RE
Switch, PCB, SPDT, ON-MOM
1MS2T2B4M7RE
Switch, PCB, SPDT, MOM-OFF-MOM
1MS4T2B4M7RE
Switch, PCB, SPDT, ON-OFF-MOM
1MS5T2B4M7RE
Switch, PCB, DPDT, ON-MOM
1MD2T2B4M7RE
Switch, PCB, DPDT, MOM-OFF-MOM
1MD4T2B4M7RE
Switch, PCB, DPDT, ON-OFF-ON
1MD3T2B4M7RE
Switch, PCB, DPDT, ON-OFF-MOM
1MD5T2B4M7RE
Switch, PCB, DPDT, ON-ON-ON
1MD6T2B4M7RE
Switch, SOLDER TAG, SPDT, ON-MOM
1MS2T1B5M1QE
Switch, SOLDER TAG, SPDT, MOM-OFF-MOM
1MS4T1B5M1QE
Switch, SOLDER TAG, SPDT, ON-OFF-MOM
1MS5T1B5M1QE
Description
Part Number
Switch, SOLDER TAG, DPDT, ON-MOM
1MD2T1B5M1QE
Switch, SOLDER TAG, DPDT, MOM-OFF-MOM
1MD4T1B5M1QE
Switch, SOLDER TAG, DPDT, ON-OFF-MOM
1MD5T1B5M1QE
Switch, SOLDER TAG, DPDT, ON-ON-ON
1MD6T1B5M1QE
Switch, SOLDER TAG, 3PDT, ON-MOM
1M32T1B5M1QE
Switch, SOLDER TAG, 3PDT, ON-ON
1M31T1B5M1QE
Switch, SOLDER TAG, 3PDT, MOM-OFF-MOM
1M34T1B5M1QE
Switch, SOLDER TAG, 3PDT, ON-OFF-ON
1M33T1B5M1QE
Switch, SOLDER TAG, 3PDT, ON-OFF-MOM
1M35T1B5M1QE
Switch, SOLDER TAG, 4PDT, ON-MOM
1M42T1B5M1QE
Switch, SOLDER TAG, 4PDT, ON-ON
1M41T1B5M1QE
Switch, SOLDER TAG, 4PDT, MOM-OFF-MOM
1M44T1B5M1QE
Switch, SOLDER TAG, 4PDT, ON-OFF-ON
1M43T1B5M1QE
Switch, SOLDER TAG, 4PDT, ON-OFF-MOM
1M45T1B5M1QE
Switch, SOLDER TAG, 4PDT, ON-ON-ON
1M46T1B5M1QE
Switch, PCB SPDT VERT.
1MS5T2B4V2RE.
Switch, SPDT
1MS3T1B5M1QE.
Switch, DPDT
1MD3T1B5M1QE.
Switch, PCB, SPDT, VERT
1MS1T2B4V2RE
Switch, PCB, SPDT, VERT
1MS3T2B4V2RE
Switch, PCB, SPDT, VERT
1MS2T2B4V2RE
Switch, PCB, SPDT, VERT
1MS4T2B4V2RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com