Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1MS1 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 1MS1
Description  Toggle Switches Miniature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

1MS1 Datasheet(HTML) 1 Page - Multicomp Pro

  1MS1 Datasheet HTML 1Page - Multicomp Pro 1MS1 Datasheet HTML 2Page - Multicomp Pro 1MS1 Datasheet HTML 3Page - Multicomp Pro 1MS1 Datasheet HTML 4Page - Multicomp Pro 1MS1 Datasheet HTML 5Page - Multicomp Pro 1MS1 Datasheet HTML 6Page - Multicomp Pro 1MS1 Datasheet HTML 7Page - Multicomp Pro 1MS1 Datasheet HTML 8Page - Multicomp Pro 1MS1 Datasheet HTML 9Page - Multicomp Pro Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Page <1>
V1.1
13/06/23
Toggle Switches
Miniature
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
sg.element14.com/b/multicomp-pro
Specifications
Contact Rating
: Dependent upon content material
Mechanical Life
: 40,000 make and break cycles
Max. Contact Resistance
: 10 mΩ
Min. Insulation Resistance : 1,000MΩ
Dielectric Strength
: 1,000Vrms at sea level
Operating Temperature
: -30°C to 85°C
Materials
Case
: Diallylphthalate (DAP) (UL94v-0)
Actuator
: Brass, chrome plated
Bushing
: Brass, nickel plated
Housing
: Stainless steel
Switch support
: Brass, tin plated
Terminal/contact
: Silver or gold plated
Number
of Poles
UL/CSA
Model
Numbers
Model
Number
Switch Function
Connected Terminals/Schematic
Position 1 Position 2 Position 3
Position 1
Position
2
Position 3
SP
Q1111
1MS1
On
None
ON
N/A
Q1112
1MS2
MOM
Q1113
1MS3
Off
ON
Open
Q1114
1MS4
MOM
MOM
Q1115
1MS5
On
DP
Q1121
1MD1
On
None
ON
N/A
Q1122
1MD2
MOM
Q1123
1MD3
Off
ON
Open
Q1124
1MD4
MOM
MOM
Q1125
1MD5
On
DP
Q1126
1MD6
On
On
On
2 to 3, 5 to 6
2 to 3,
5 to 4
2 to 1, 5 to 4
Q1127
1MD7
MOM
MOM
Q1128
1MD8
On
3P
Q1131
1M31
None
On
2 to 3, 5 to 6,
8 to 9
N/A
2 to 1, 5 to 4,
8 to 7
Q1132
1M32
MOM
Q1133
1M33
Off
On
Open
Q1134
1M34
MOM
MOM
Q1135
1M35
On
-
Switch Function


Similar Part No. - 1MS1

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
1MS1 MULTICOMP-1MS1 Datasheet
1Mb / 4P
Toggle Switches Miniature
30/04/20 V1.0
1MS1 MULTICOMP-1MS1 Datasheet
2Mb / 14P
Minature Toggle Switches
31/07/20 V1.0
logo
Accetek Electronics (Sh...
1MS10-101F ACCETEK-1MS10-101F Datasheet
202Kb / 2P
Toroidal Storage Choke
1MS10-102F ACCETEK-1MS10-102F Datasheet
202Kb / 2P
Toroidal Storage Choke
1MS10-151F ACCETEK-1MS10-151F Datasheet
202Kb / 2P
Toroidal Storage Choke
More results

Similar Description - 1MS1

ManufacturerPart #DatasheetDescription
logo
C&K Components
7000 CK-COMPONENTS-7000 Datasheet
1Mb / 22P
Miniature Toggle Switches
logo
E-SWITCH
100SP1T1B1M1QEH E-SWITCH-100SP1T1B1M1QEH Datasheet
1Mb / 10P
TOGGLE SWITCHES - MINIATURE
100A E-SWITCH-100A_1 Datasheet
612Kb / 5P
TOGGLE SWITCHES - MINIATURE
logo
C&K Components
7101MD9AV2BE CK-COMPONENTS-7101MD9AV2BE Datasheet
1Mb / 14P
Miniature Toggle Switches
logo
Grayhill, Inc
34ASP12B4M2RT GRAYHILL-34ASP12B4M2RT Datasheet
871Kb / 6P
Miniature Toggle Switches
HDW15 GRAYHILL-HDW15 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
C&K Components
U15P4YZQE CK-COMPONENTS-U15P4YZQE Datasheet
1Mb / 14P
Miniature Toggle Switches
7308TPZGE CK-COMPONENTS-7308TPZGE Datasheet
1Mb / 14P
Miniature Toggle Switches
7201L2DAV2BE CK-COMPONENTS-7201L2DAV2BE Datasheet
782Kb / 14P
Miniature Toggle Switches
7000TOGGLE CK-COMPONENTS-7000TOGGLE Datasheet
2Mb / 14P
Miniature Toggle Switches
15 Jan 21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com