Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641 Datasheet(PDF) 17 Page - Texas Instruments

Part # LMV641
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LMV641 Datasheet HTML 13Page - Texas Instruments LMV641 Datasheet HTML 14Page - Texas Instruments LMV641 Datasheet HTML 15Page - Texas Instruments LMV641 Datasheet HTML 16Page - Texas Instruments LMV641 Datasheet HTML 17Page - Texas Instruments LMV641 Datasheet HTML 18Page - Texas Instruments LMV641 Datasheet HTML 19Page - Texas Instruments LMV641 Datasheet HTML 20Page - Texas Instruments LMV641 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
CC1
+
VOUT
+
-
-
CF
VIN
+
-
RB1
V
+
RB2
CC2
R2
R1
AV = -
R2
100 k:
R1
1 k:
= -100
Copyright © 2016, Texas Instruments Incorporated
17
LMV641
www.ti.com
SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016
Product Folder Links: LMV641
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LMV641 is a low-power, low noise, wide-bandwidth operational amplifier with an extended power supply
voltage range of 2.7 V to 12 V. With 10 MHz of gain bandwidth, 14 nV/
√Hz input referred noise, and supply
current of 138 μA, the LMV641 is well suited for portable applications that require precision while amplifying at
high gains.
8.2 Typical Applications
8.2.1 High-Gain, Low-Power Inverting Amplifiers
Figure 39. High-Gain Inverting Amplifier
8.2.1.1 Design Requirements
The wide unity-gain bandwidth allows these parts to provide large gain over a wide frequency range, while
driving loads as low as 2 kΩ with less than 0.003% distortion.
8.2.1.2 Detailed Design Procedure
Figure 39 is an inverting amplifier, with a 100-kΩ feedback resistor, R2, and a 1-kΩ input resistor, R1, and
provides a gain of
−100. With the LMV641, these circuits can provide gain of −100 with a −3-dB bandwidth of
120 kHz, for a quiescent current as low as 116 µA. Coupling capacitors CC1 and CC2 can be added to isolate the
circuit from DC voltages, while RB1 and RB2 provide DC biasing. A feedback capacitor CF can also be added to
improve compensation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com