Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641 Datasheet(PDF) 1 Page - Texas Instruments

Part # LMV641
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641 Datasheet(HTML) 1 Page - Texas Instruments

  LMV641 Datasheet HTML 1Page - Texas Instruments LMV641 Datasheet HTML 2Page - Texas Instruments LMV641 Datasheet HTML 3Page - Texas Instruments LMV641 Datasheet HTML 4Page - Texas Instruments LMV641 Datasheet HTML 5Page - Texas Instruments LMV641 Datasheet HTML 6Page - Texas Instruments LMV641 Datasheet HTML 7Page - Texas Instruments LMV641 Datasheet HTML 8Page - Texas Instruments LMV641 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
180
100
10k
1M
100M
FREQUENCY (Hz)
-60
0
90
10M
100k
1k
150
120
60
30
-30
180
-60
0
90
150
120
60
30
-30
GAIN
PHASE
V
+
= +6V
V
-
= -6V
RL = 10 k:
CL = 20 pF
-400 -300 -200 -100
0
100 200 300 400
0
20
OFFSET VOLTAGE (PV)
2
4
6
8
10
12
14
16
18
V
+
= +5V
V
-
= -5V
VCM = 0V
TA = 25°C
UNITS TESTED = 12,000
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LMV641
SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016
LMV641 10-MHz, 12-V, Low-Power Amplifier
1
1 Features
1
•
Specified for 2.7-V, and ±5-V Performance
•
Low Power Supply Current: 138 µA
•
High Unity Gain Bandwidth: 10 MHz
•
Max Input Offset Voltage: 500 µV
•
CMRR: 120 dB
•
PSRR: 105 dB
•
Input Referred Voltage Noise: 14 nV/
√Hz
•
1/f Corner Frequency: 4 Hz
•
Output Swing With 2-kΩ Load 40 mV from Rail
•
Total Harmonic Distortion: 0.002% at 1 kHz, 2 kΩ
•
Temperature Range
−40°C to 125°C
2 Applications
•
Portable Equipment
•
Battery-Powered Systems
•
Sensors and Instrumentation
3 Description
The
LMV641
is
a
low-power,
wide-bandwidth
operational amplifier with an extended power supply
voltage range of 2.7 V to 12 V.
The device features 10 MHz of gain bandwidth
product with unity gain stability on a typical supply
current of 138 µA. Other key specifications are a
PSRR of 105 dB, CMRR of 120 dB, VOS of 500 µV,
input referred voltage noise of 14 nV/
√Hz, and a THD
of 0.002%. This amplifier has a rail-to-rail output
stage and a common mode input voltage, which
includes the negative supply.
The LMV641 device operates over a temperature
range of
−40°C to +125°C and is offered in the board-
space-saving 5-Pin SC70, SOT-23, and 8-Pin SOIC
packages.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LMV641
SOIC (8)
4.90 mm × 3.91 mm
SOT-23 (5)
2.90 mm × 1.60 mm
SC70 (5)
2.00 mm × 1.25 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Offset Voltage Distribution
Open Loop Gain and Phase vs Frequency


Similar Part No. - LMV641

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV641 NSC-LMV641 Datasheet
1Mb / 18P
10 MHz, 12V, Low Power Amplifier
logo
Texas Instruments
LMV641 TI1-LMV641 Datasheet
1Mb / 27P
LMV641
logo
National Semiconductor ...
LMV641MA NSC-LMV641MA Datasheet
1Mb / 18P
10 MHz, 12V, Low Power Amplifier
logo
Texas Instruments
LMV641MA/NOPB TI1-LMV641MA/NOPB Datasheet
1Mb / 27P
LMV641
logo
National Semiconductor ...
LMV641MAE NSC-LMV641MAE Datasheet
1Mb / 18P
10 MHz, 12V, Low Power Amplifier
More results

Similar Description - LMV641

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV654 NSC-LMV654 Datasheet
509Kb / 5P
Quad, 12 MHz, Low Voltage, Low Power Amplifier
LMV651 NSC-LMV651_07 Datasheet
473Kb / 16P
12 MHz, Low Voltage, Low Power Amplifier
LMV641 NSC-LMV641 Datasheet
1Mb / 18P
10 MHz, 12V, Low Power Amplifier
logo
Texas Instruments
OPA316 TI-OPA316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2316 TI-OPA2316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA4316 TI-OPA4316 Datasheet
2Mb / 46P
OPAx316 10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
LMV641 TI-LMV641_15 Datasheet
1Mb / 27P
LMV641 10 MHz, 12V, Low Power Amplifier
LMV641 TI1-LMV641 Datasheet
1Mb / 27P
LMV641
OPA316 TI1-OPA316_16 Datasheet
2Mb / 48P
10-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com