Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV641 Datasheet(PDF) 19 Page - Texas Instruments

Part # LMV641
Description  LMV641 10-MHz, 12-V, Low-Power Amplifier
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV641 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LMV641 Datasheet HTML 15Page - Texas Instruments LMV641 Datasheet HTML 16Page - Texas Instruments LMV641 Datasheet HTML 17Page - Texas Instruments LMV641 Datasheet HTML 18Page - Texas Instruments LMV641 Datasheet HTML 19Page - Texas Instruments LMV641 Datasheet HTML 20Page - Texas Instruments LMV641 Datasheet HTML 21Page - Texas Instruments LMV641 Datasheet HTML 22Page - Texas Instruments LMV641 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
+
-
+
-
R/2
R/2
SIG +
SIG -
WITH 'R << R,
THEN RTH | R/2
THUS,
(b)
VTH± =
VEXC ± VSIG
2
R + 'R
R - 'R
SIG +
SIG -
R - 'R
R + 'R
VEXC
(a)
19
LMV641
www.ti.com
SNOSAW3D – SEPTEMBER 2007 – REVISED AUGUST 2016
Product Folder Links: LMV641
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Applications (continued)
8.2.2.2 Detailed Design Procedure
In this circuit, the use of a 9-V alkaline battery exploits the LMV641’s high voltage and low supply current for a
low-power, portable-current-sensing application. The sensor converts an incident magnetic field (through the
magnetic flux linkage) in the sensitive direction, to a balanced voltage output. The LMV641 can be used for
moderate to high current sensing applications (from a few milliamps and up to 20 A) using a nearby external
conductor providing the sensed magnetic field to the bridge. The circuit shows a Honeywell HMC1051Z used as
a current sensor. Note that the circuit must be calibrated based on the final displacement of the sensed
conductor relative to the measurement bridge. Typically, once the sensor has been oriented properly, with
respect to the conductor to be measured, the conductor can be placed about one centimeter away from the
bridge and have reasonable capability of measuring from tens of milliamperes to beyond 20 amperes.
In Figure 41, U1 is configured as a single differential input amplifier. Its input impedance is relatively low,
however, and requires that the source impedance of the sensor be considered in the gain calculations. Also, the
asymmetrical loading on the bridge will produce a small offset voltage that can be cancelled out with the offset
trim circuit shown in Figure 41.
Figure 42 shows a typical magnetoresistive Wheatstone bridge and the Thevenin equivalent of its resistive
elements. As we shall see, the Thevenin equivalent model of the sensor is useful in calculating the gain needed
in the differential amplifier.
Figure 42. Anisotropic Magnetoresistive Wheatstone Bridge Sensor, (a),
and Thevenin Equivalent Circuit, (b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com