Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25SCME Datasheet(PDF) 1 Page - Multicomp Pro

Part # 25SCME
Description  Lockring
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

25SCME Datasheet(HTML) 1 Page - Multicomp Pro

  25SCME Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
18/10/12
Lockring
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table
Description
Material
Finish
Size
Pack Size
Part Number
Milled Edge Lock Ring
-
Self Colour
20
100
20SCME
-
25
25SCME
Light Gauge
Steel
Black
16
100
16BLN
20
20BLN
25
25BLN
Galvanised
16
16GLN
20
20GLN
25
25GLN
Dimensions : Millimetres
25SEMC
25GLN


Similar Part No. - 25SCME

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
25SC10M SANYO-25SC10M Datasheet
92Kb / 2P
Aluminum solid capacitors with Organic semiconductive electrolyte
25SC15M SANYO-25SC15M Datasheet
92Kb / 2P
Aluminum solid capacitors with Organic semiconductive electrolyte
25SC1M SANYO-25SC1M Datasheet
92Kb / 2P
Aluminum solid capacitors with Organic semiconductive electrolyte
25SC1R5M SANYO-25SC1R5M Datasheet
92Kb / 2P
Aluminum solid capacitors with Organic semiconductive electrolyte
25SC22M SANYO-25SC22M Datasheet
92Kb / 2P
Aluminum solid capacitors with Organic semiconductive electrolyte
More results

Similar Description - 25SCME

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
761K SWITCH-761K Datasheet
225Kb / 1P
0.10 2.5mm x 0.474LONG POWER PLUG W/LOCKRING, RoHS
S760K SWITCH-S760K Datasheet
222Kb / 1P
0.08 2.0mm x 0.374 LONG POWER PLUG W/LOCKRING, RoHS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com