Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74502Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP74502Q
Description  LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74502Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP74502Q Datasheet HTML 9Page - Diodes Incorporated AP74502Q Datasheet HTML 10Page - Diodes Incorporated AP74502Q Datasheet HTML 11Page - Diodes Incorporated AP74502Q Datasheet HTML 12Page - Diodes Incorporated AP74502Q Datasheet HTML 13Page - Diodes Incorporated AP74502Q Datasheet HTML 14Page - Diodes Incorporated AP74502Q Datasheet HTML 15Page - Diodes Incorporated AP74502Q Datasheet HTML 16Page - Diodes Incorporated AP74502Q Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AP74502Q, AP74502HQ
Document number: DS47093 Rev. 1 - 2
13 of 22
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74502Q, AP74502HQ
, AP
Application Information
The AP74502Q, AP74502HQ is used with N-Channel MOSFET controller in a typical reverse polarity protection application. The schematic for the
12V battery protection application is shown below where the AP74502Q, AP74502HQ is used to drive back-to-back connected MOSFETs Q1 and
Q2 in series with a battery for reverse polarity protection and load disconnection. The TVS is required for protection for the AP74502Q, AP74502HQ
and its downstream application against positive and negative voltage surges and ESD event. Output Capacitor is recommended for filtering out
supply upon dynamic load condition.
Typical Application
AP74502(H)Q
GATE
SRC
OVLO
VCAP
GND
Voltage
Regulator
(DC/DC, LDO)
Q1
220uF
Battery /
Power
Source
VI N
R1
R2
EN/UVLO
ON
OFF
Q2
Design Example
Design Parameter
Example Value
VIN Range
12V Vehicle Battery, 12V nominal with 3.2V cold crank and 35V load dump condition
VOUT
3.2V during cold crank to 35V load dump
IOUT
3A nominal and 5A maximum
COUT
220
μF typical hold up Capacitor
Overvotlage Protection
Typical 37V for 12V battery system
Automotive EMC Compliance
ISO 7637-2 and ISO 16750-2
MOSFET Selection
The important MOSFET electrical parameters are the maximum continuous drain current, ID, the maximum drain-to-source voltage, VDS(MAX), the
maximum source current through body diode, and the drain-to-source on resistance, RDS(ON).
The maximum continuous drain current, ID, rating must exceed the maximum continuous load current. The maximum drain-to-source voltage,
VDS(MAX), must be high enough to withstand the highest differential voltage seen in the application. This would include any anticipated fault conditions.
It is recommended to use MOSFETs with voltage rating up to 75V maximum with the AP74502Q, AP74502HQ. The maximum VGS the AP74502Q,
AP74502HQ can drive is 13.9V, so a MOSFET with 15V minimum VGS rating must be selected. If a MOSFET with VGS rating < 15V is selected, a
Zener diode can be used to clamp VGS to safe level within Max VGS of the MOSFET.
To reduce the MOSFET conduction losses, lowest possible RDS(ON) is preferred. Selecting a MOSFET with RDS(ON) that gives VDS drop 20mV to 50
mV at full load provides good trade off in terms of power dissipation and cost. Thermal resistance of the MOSFET must be considered against the
expected maximum power dissipation in the MOSFET to ensure that the junction temperature (TJ) is well controlled.
220μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com