Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP74502Q Datasheet(PDF) 21 Page - Diodes Incorporated

Part # AP74502Q
Description  LOW IQ REVERSE BATTERY POLARITY AND OVERVOLTAGE PROTECTION CONTROLLER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP74502Q Datasheet(HTML) 21 Page - Diodes Incorporated

Back Button AP74502Q Datasheet HTML 14Page - Diodes Incorporated AP74502Q Datasheet HTML 15Page - Diodes Incorporated AP74502Q Datasheet HTML 16Page - Diodes Incorporated AP74502Q Datasheet HTML 17Page - Diodes Incorporated AP74502Q Datasheet HTML 18Page - Diodes Incorporated AP74502Q Datasheet HTML 19Page - Diodes Incorporated AP74502Q Datasheet HTML 20Page - Diodes Incorporated AP74502Q Datasheet HTML 21Page - Diodes Incorporated AP74502Q Datasheet HTML 22Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
AP74502Q, AP74502HQ
Document number: DS47093 Rev. 1 - 2
21 of 22
www.diodes.com
April 2025
© 2025 Copyright Diodes Incorporated. All Rights Reserved.
AP74502Q, AP74502HQ
, AP
Device Taping Orientation
Package Type: SOT28
Tape Width Part Number Suffix
Tape Orientation
8mm
-7
Note:
For part marking, refer to product datasheet.
Note:
Tape and package drawings are not to scale and are shown for device tape orientation only.
Note:
The taping orientation of the other package type can be found on our website at https://www.diodes.com/assets/Packaging-Support-Docs/AP02007.pdf.
Mechanical Data
•
Surface-Mount Package
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Package Material: Molded Plastic, UL Flammability Classification Rating 94V-0
•
Terminals: Finish
– Matte Tin Plated Leads, Solderable per MIL-STD-202, Method 208
•
Weight: 0.016 grams (Approximate)
•
Max Soldering Temperature +260°C for 30 secs as per JEDEC J-STD-020
Direction of feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com