Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSWC68 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STSWC68
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSWC68 Datasheet(HTML) 5 Page - STMicroelectronics

  STSWC68 Datasheet HTML 1Page - STMicroelectronics STSWC68 Datasheet HTML 2Page - STMicroelectronics STSWC68 Datasheet HTML 3Page - STMicroelectronics STSWC68 Datasheet HTML 4Page - STMicroelectronics STSWC68 Datasheet HTML 5Page - STMicroelectronics STSWC68 Datasheet HTML 6Page - STMicroelectronics STSWC68 Datasheet HTML 7Page - STMicroelectronics STSWC68 Datasheet HTML 8Page - STMicroelectronics STSWC68 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
5
The following block diagram expands on the previous illustration by showing the ST products for each subsystem, which are
detailed separately in the following sections.
EIS / OIS
Battery chargers
and adapters
Wireless
chargers
USB type-C
PD adapters &
quick chargers
Power management
MCU
USB type-C
& PD controllers
Wireless
chargers IC
USB port
protection
Battery
charger IC
USB dataline
protection
Switch-cap
carger
SIM/Memory
SIM card
protection
eSIM
Flash
SIM
Pressure
sensors
Smart
reset
Accelerometers
eCompass
iNEMO-Inertial
modules
Sensors
ESD protection
UI & sensors
Fingerprint
sensor
Protection
Time-of-Flight
sensors
iToF/dToF
Ambient
light sensor
Serial
EEPROM
CMOS image
sensor
Low dropout
(LDO)
Linear regulators
Back camera
MCU
Serial
EEPROM
Low dropout
(LDO)
Linear regulators
Protection
CMOS image
sensor
Time-of-Flight
sensors
Front camera
Time-of-Flight
sensor
iToF
Global shutter
image sensor
VCSEL &
laser driver
Serial
EEPROM
Low dropout
(LDO)
Linear regulators
Protection
Face authentication
Audio
Audio
codec
MEMS
microphone
Audio ESD
protection
Audio
amplifier
Earbuds &
headset (TWS)
Smart pen
Accessories
Filters
Amplifiers
Antenna
tuners
3G/4G/5G
transceiver
RF Module
NFC
controller
UWB
60GHz radio
Wireless connectivity
WLAN/BT/GPS
Antenna
protection
Display/Touchscreen
Display ESD
protection
Touchscreen
controller
Display
Driver
AMOLED
PMIC
Haptics driver
Serial
EEPROM
LCD backlight
& LED control
Ambient
light sensor
Application
processor
DDR
Processor unit
PMIC
Secure
element
Note:
• pink box: not covered by ST products
• light blue: covered by ST products
• dark blue: external functions/devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com