Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSWC68 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSWC68
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSWC68 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSWC68 Datasheet HTML 10Page - STMicroelectronics STSWC68 Datasheet HTML 11Page - STMicroelectronics STSWC68 Datasheet HTML 12Page - STMicroelectronics STSWC68 Datasheet HTML 13Page - STMicroelectronics STSWC68 Datasheet HTML 14Page - STMicroelectronics STSWC68 Datasheet HTML 15Page - STMicroelectronics STSWC68 Datasheet HTML 16Page - STMicroelectronics STSWC68 Datasheet HTML 17Page - STMicroelectronics STSWC68 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
14
In order to manage secure mobile transactions, ST provides a large range of ST54 integrated solutions merging our ST21NFC
NFC controller and the proven ST33 secure element. The first generation is a system-in-package (ST54H) housed in a BGA
package, while the new ST54J/K system-on-chip (SoC) optimized for convergence is available as a single die in a thin WLCSP
package.
The ST54J/K delivers performance-boosting integration for mobile and IoT devices with the added benefit of the ST software-
partner ecosystem for smoother user experiences in mobile payments and e-ticketing transactions, as well as more convenient
remote mobile provisioning to support multiple operator subscriptions.
ST54 FOR INTEGRATED SOLUTIONS
ST60 is a 60 GHz V-Band transceiver for contactless connectivity up to 480 Mbps. It offers best-in-class wireless performance
with transfer speeds up to 6.25 Gbps, along with very low power consumption.
The ST60A3G1 has a miniature form factor, optimized bill of materials and low-power operation. The ST60A3G1 is a high-
speed RF transceiver compliant with eUSB2, UART and I²C protocols.
The ST60A3G1 meets the requirements of mobile applications by virtue of its compactness, low-power operation, ease of use,
and its innovative architecture design for optimized system bill of materials.
HIGH-SPEED 60GHZ RF TRANSCEIVER
TYPICAL APPLICATIONS
• Contactless test factory
automation and after sales
services
• Life proof hole-less
personal devices
• Contactless accessories
• Contactless personal
equipment docking hub
and data transfer
ST54
NFC SW Stack
Application
processor
SIM
ST33
eSIM
ST33
NFC+ eSE/eSIM
ST33 eSIM: #1 source at Tier 1 OEMs
• Few hundred millions shipped to date
• GSMA SAS-UP certified since 2019
ST54 NFC+SE: reference in Android ecosystem
• Recognized RF performances
• Single die WLCSP form factor (ST54J, ST54K)
• eSIM convergence support (flagships)
• Support of UWB secure transactions
ST21 NFC controller: validated by most tier 1 OEMs
Up to 480 Mbps (eUSB2)
Small footprint with
integrated antenna
Ultra low power
-20°C to 85°C
Point to point
Short range
No pairing
ST21NFCDJ is the 4th generation ST NFC controller integrating a high-performance RF booster to provide the best user
experience and ensure a high level of interoperability to ease integration and certification efforts for OEMs.
ST21NFC FOR NFC CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com