Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSWC68 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STSWC68
Description  ST portfolio for smartphone platforms
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSWC68 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STSWC68 Datasheet HTML 23Page - STMicroelectronics STSWC68 Datasheet HTML 24Page - STMicroelectronics STSWC68 Datasheet HTML 25Page - STMicroelectronics STSWC68 Datasheet HTML 26Page - STMicroelectronics STSWC68 Datasheet HTML 27Page - STMicroelectronics STSWC68 Datasheet HTML 28Page - STMicroelectronics STSWC68 Datasheet HTML 29Page - STMicroelectronics STSWC68 Datasheet HTML 30Page - STMicroelectronics STSWC68 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
27
TOUCH CONTROLLER
The industry-proven ST FingerTip touchscreen controller technology enables advanced multitouch user interfaces in a single-
chip solution with high and uniform sensitivity on all panels, including curved screen areas and new AMOLED displays, making
it perfectly suited for the latest designs.
FingerTip supports advanced features thanks to multimode sensing technology. The water rejection algorithm can detect water
on the top of the screen and the device can still track one finger moving in the water without false touching or line breaking.
The device supports multifinger glove operation and small passive stylus.
The device also supports all types of HSYNC and VSYNC modes, which enables touch sampling to be synchronized with the
display SYNC signal. This ensures it can even work with quad high-definition displays.
The controller embeds a powerful 32-bit ARM M3 core with flash that is capable of providing a high level of overall touch
performance in terms of noise rejection, response time, and power consumption.
KEY FEATURE
• True 10-finger multi touch
• High SNR, hign noise
immunity
• Low latency, high report
rate
• Support water and glove
mode
• Wake up gesture
• Mutual, self & proximity
scanning
• Support active pen
• Ultra-low power
• I2C SPI I3C communication
High display
rate / resolution
Thin bezel
and foldable smartphone
Flexible for foldable phones
Hovering and gesture
recognition
Low latency touch.
240 / 288 Hz report rate
Rotate, scale, pan, swipe,
and more…
Work with glove and water
Proximity sensing
IR-Less proximity detection
Active stylus
Support water rejection &
glove sensing
Support both USI & WGP
active pen protocol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com