Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3300MOD Datasheet(PDF) 21 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 21 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 17Page - Texas Instruments CC3300MOD Datasheet HTML 18Page - Texas Instruments CC3300MOD Datasheet HTML 19Page - Texas Instruments CC3300MOD Datasheet HTML 20Page - Texas Instruments CC3300MOD Datasheet HTML 21Page - Texas Instruments CC3300MOD Datasheet HTML 22Page - Texas Instruments CC3300MOD Datasheet HTML 23Page - Texas Instruments CC3300MOD Datasheet HTML 24Page - Texas Instruments CC3300MOD Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
7.2 IC/ISED Certification and Statement
CAUTION
IC RF Radiation Exposure Statement:
To comply with IC RF exposure requirements, this device and its antenna must not be co-located or
operating in conjunction with any other antenna or transmitter.
Pour se conformer aux exigences de conformité RF canadienne l'exposition, cet appareil et son
antenne ne doivent pas étre co-localisés ou fonctionnant en conjonction avec une autre antenne ou
transmetteur.
The CC330xMOD modules from TI are certified for IC as a single-modular transmitter. The CC330xMOD
modules from TI meet IC modular approval and labeling requirements. The IC follows the same testing and rules
as the FCC regarding certified modules in authorized equipment.
This device complies with Industry Canada license-exempt RSS standards.
Operation is subject to the following two conditions:
• This device may not cause interference.
• This device must accept any interference, including interference that may cause undesired operation of the
device.
Le présent appareil est conforme aux CNR d'Industrie Canada applicables aux appareils radio exempts de
licence.
L'exploitation est autorisée aux deux conditions suivantes:
• L'appareil ne doit pas produire de brouillage
• L'utilisateur de l'appareil doit accepter tout brouillage radioélectrique subi, même si le brouillage est
susceptible d'en compromettre le fonctionnement.
7.3 ETSI/CE
The CC330xMOD modules conform to the EU Radio Equipment Directive. For further details, see the full text of
the EU Declaration of Conformity for the CC3301MOD devices.
7.4 MIC Certification
The CC330xMOD modules from TI are MIC-certified against articles 49–20 and the relevant articles of the
Ordinance Regulating Radio Equipment. Operation is subject to the following condition:
• The host system does not contain a wireless wide area network (WWAN) device.
7.5 Manual Information to the End User
The OEM integrator must be aware of not providing information to the end user regarding how to install or
remove this RF module in the user’s manual of the end product that integrates this module. The end user's
manual must include all required regulatory information and warnings as shown in this manual.
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com