Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3300MOD Datasheet(PDF) 13 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 13 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 9Page - Texas Instruments CC3300MOD Datasheet HTML 10Page - Texas Instruments CC3300MOD Datasheet HTML 11Page - Texas Instruments CC3300MOD Datasheet HTML 12Page - Texas Instruments CC3300MOD Datasheet HTML 13Page - Texas Instruments CC3300MOD Datasheet HTML 14Page - Texas Instruments CC3300MOD Datasheet HTML 15Page - Texas Instruments CC3300MOD Datasheet HTML 16Page - Texas Instruments CC3300MOD Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Peak current 1V8_IN of 185mA, including peripherals and internal CPU
6.10 Current Consumption: 2.4GHz WLAN Use Cases
MODE
DESCRIPTION
TYP(1)
UNIT
System with 3.3V to Ext. DC/DC at 85% Efficiency
DTIM = 1
WLAN beacon reception every DTIM=1 (~102ms)
562
µA
DTIM = 3
WLAN beacon reception every DTIM=3 (~306ms)
355
DTIM = 5
WLAN beacon reception every DTIM=5 (~510ms)
313
System with 1.8V
DTIM = 1
WLAN beacon reception every DTIM=1 (~102ms)
864
µA
DTIM = 3
WLAN beacon reception every DTIM=3 (~306ms)
546
DTIM = 5
WLAN beacon reception every DTIM=5 (~510ms)
482
(1)
Current measured on 1V8_IN supply
6.11 Current Consumption: BLE Static Modes
All results are based on measurements taken using the RadioTool evaluation application (typ values are taken with nominal
devices at room temp).
PARAMETER
TEST CONDITIONS
1V8_IN
3V3_IN
UNIT
TYP
MAX
TYP
MAX
TX
TX Power = 0dBm
102
42
mA
TX Power = 10dBm
102
104
TX Power = 17.8dBm
105
250
RX
62
0
mA
6.12 Current Consumption: BLE Use Cases
over operating free-air temperature range (unless otherwise noted)
MODE
TYP(1)
UNIT
BLE Advertise 100ms
3106
µA
BLE Connection, 1s
646
µA
(1)
Current measured on 1V8_IN supply
6.13 Current Consumption: Device Modes
Nominal device at room temperature
MODE
DESCRIPTION
1V8_IN
3V3_IN
UNIT
TYP
MAX
TYP
MAX
Shutdown
External supplies are
available, device held in reset
(nReset is low)
10
2
µA
Sleep
Low power mode - RAM in
retention
330
2
6.14 Timing and Switching Characteristics
6.14.1 Power Supply Sequencing
For proper operation of the CC330xMOD module, perform the recommended power-up sequencing as follows:
1. All supplies (1V8_IN, 3V3_IN, VPP) must be available before nReset is released.
2. For an external slow clock, confirm that the clock is stable before nReset is deasserted (high).
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com