Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC3300MOD Datasheet(PDF) 7 Page - Texas Instruments

Part # CC3300MOD
Description  CC330xMOD SimpleLink™ Wi-Fi 6 and Bluetooth® Low Energy Companion Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

CC3300MOD Datasheet(HTML) 7 Page - Texas Instruments

Back Button CC3300MOD Datasheet HTML 3Page - Texas Instruments CC3300MOD Datasheet HTML 4Page - Texas Instruments CC3300MOD Datasheet HTML 5Page - Texas Instruments CC3300MOD Datasheet HTML 6Page - Texas Instruments CC3300MOD Datasheet HTML 7Page - Texas Instruments CC3300MOD Datasheet HTML 8Page - Texas Instruments CC3300MOD Datasheet HTML 9Page - Texas Instruments CC3300MOD Datasheet HTML 10Page - Texas Instruments CC3300MOD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Table 5-1. Pin Descriptions (continued)
PIN
SIGNAL NAME
TYPE
DIR (I/O)
VOLTAGE
LEVEL
SHUTDOWN
STATE
STATE
AFTER
POWER-UP
DESCRIPTION
34
GND
GND
GND
35
GND
GND
GND
36
GND
GND
GND
37
3V3_IN
POW
VDD PA Voltage
38
3V3_IN
POW
VDD PA Voltage
39
GND
GND
GND
40
GND
GND
GND
41
GND
GND
GND
42
GND
GND
GND
43
GND
GND
GND
44
GND
GND
GND
45
COEX_PRIORITY 2
Digital
I
1.8V
PU
PU
External coexistence interface:
priority
46
COEX_REQ 2
Digital
I
1.8V
PU
PU
External coexistence interface:
request
47
COEX_GRANT2
Digital
O
1.8V
PD
PD
External coexistence interface:
grant
48
UART RTS
Digital
O
1.8V
PU
PU
Device RTS signal: flow
control for BLE HCI
49
UART CTS
Digital
I
1.8V
PU
PU
Device CTS signal: flow
control for BLE HCI
50
UART RX
Digital
I
1.8V
PU
PU
UART RX for BLE HCI
51
UART TX
Digital
O
1.8V
PU
PU
UART TX for BLE HCI
52
ANT_SEL 2
Digital
O
1.8V
PD
PD
Antenna select control line
53
1V8_IN
POW
Main supply voltage for analog
and digital—VDD_MAIN_IN,
VDDA_IN1, VDDA_IN2, VIO
54
1V8_IN
POW
Main supply voltage for analog
and digital—VDD_MAIN_IN,
VDDA_IN1, VDDA_IN2, VIO
55
GND
GND
GND
56
GND
GND
GND
57
GND
GND
GND
58
GND
GND
GND
59
GND
GND
GND
60
GND
GND
GND
61
GND
GND
GND
62
GND
GND
GND
63
GND
GND
GND
64
GND
GND
GND
www.ti.com
CC3300MOD, CC3301MOD
SWRS333A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: CC3300MOD CC3301MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com