Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 16 Page - Texas Instruments

Part # REF3012
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3012 Datasheet(HTML) 16 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 12Page - Texas Instruments REF3012 Datasheet HTML 13Page - Texas Instruments REF3012 Datasheet HTML 14Page - Texas Instruments REF3012 Datasheet HTML 15Page - Texas Instruments REF3012 Datasheet HTML 16Page - Texas Instruments REF3012 Datasheet HTML 17Page - Texas Instruments REF3012 Datasheet HTML 18Page - Texas Instruments REF3012 Datasheet HTML 19Page - Texas Instruments REF3012 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
7 Detailed Description
7.1 Overview
The REF30 is a series, precision bandgap voltage reference. The basic topology is shown in the Section 7.2.
Transistors Q1 and Q2 are biased so that the current density of Q1 is greater than that of Q2. The difference of
the two base-emitter voltages, Vbe1 – Vbe2, has a positive temperature coefficient and is forced across resistor
R1. This voltage is gained up and added to the base-emitter voltage of Q2, which has a negative coefficient. The
resulting output voltage is virtually independent of temperature. The curvature of the bandgap voltage, as shown
in Figure 6-10, is due to the slightly nonlinear temperature coefficient of the base-emitter voltage of Q2.
7.2 Functional Block Diagram
R
1
Q
2
Q
1
+
Vbe
1
+
Vbe
2
Copyright © 2016, Texas Instruments Incorporated
7.3 Feature Description
7.3.1 Supply Voltage
The REF30 family of references features an extremely low dropout voltage. With the exception of the REF3012,
which has a minimum supply requirement of 1.8V, the REF30 can be operated with a supply of only 1mV above
the output voltage in an unloaded condition. For loaded conditions, a typical dropout voltage versus load is
shown on the front page.
The REF30 features a low quiescent current that is extremely stable over changes in both temperature and
supply. The typical room temperature quiescent current is 42μA, and the maximum quiescent current over
temperature is just 59μA. Additionally, the quiescent current typically changes less than 2.5μA over the entire
supply range, as shown in Figure 7-1.
Supply voltages below the specified levels can cause the REF30 to momentarily draw currents greater than the
typical quiescent current. Use a power supply with a fast rising edge and low output impedance to easily prevent
this issue.
42.5
42.0
41.5
41.0
40.5
40.0
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
V
(V)
IN
Figure 7-1. Supply Current vs Supply Voltage
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
16
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com