Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 17 Page - Texas Instruments

Part # REF3012
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3012 Datasheet(HTML) 17 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 13Page - Texas Instruments REF3012 Datasheet HTML 14Page - Texas Instruments REF3012 Datasheet HTML 15Page - Texas Instruments REF3012 Datasheet HTML 16Page - Texas Instruments REF3012 Datasheet HTML 17Page - Texas Instruments REF3012 Datasheet HTML 18Page - Texas Instruments REF3012 Datasheet HTML 19Page - Texas Instruments REF3012 Datasheet HTML 20Page - Texas Instruments REF3012 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
7.3.2 Thermal Hysteresis
Thermal hysteresis for the REF30 is defined as the change in output voltage after operating the device at 25°C,
cycling the device through the specified temperature range, and returning to 25°C, and can be expressed as
shown in Equation 1:
PRE
POST
6
HYST
NOM
abs V
V
V
=
• 10 (ppm)
V
æ
ö
-
ç
÷
ç
÷
è
ø
(1)
where
• VHYST = Calculated hysteresis
• VPRE = Output voltage measured at 25°C pretemperature cycling
• VPOST = Output voltage measured when device has been operated at 25°C, cycled through specified range of
–40°C to +125°C, and returned to operation at 25°C.
7.3.3 Temperature Drift
The REF30 exhibits minimal drift error, defined as the change in output voltage over varying temperature. Using
the box method of drift measurement, the REF30 features a typical drift coefficient of 20ppm from 0°C to 70°C,
the primary temperature range of use for many applications. For industrial temperature ranges of –40°C to
+125°C, the REF30 family drift increases to a typical value of 50ppm.
7.3.4 Noise Performance
The REF30 generates noise less than 50μVPP between frequencies of 0.1Hz to 10Hz, and can be seen in
Figure 6-27 The noise voltage of the REF30 increases with output voltage and operating temperature. Additional
filtering can be used to improve output noise levels; however, make sure the output impedance does not
degrade AC performance.
7.3.5 Long-Term Stability
Long-term stability refers to the change of the output voltage of a reference over a period of months or years.
This effect lessens as time progresses as is apparent by the long-term stability curves. The typical drift value for
the REF30 is 24ppm from 0 hours to 1000 hours, and 15ppm from 1000 hours to 2000 hours. This parameter is
characterized by measuring 30 units at regular intervals for a period of 2000 hours.
7.3.6 Load Regulation
Load regulation is defined as the change in output voltage as a result of changes in load current. Use a 4 wire
measurement (kelvin measurement) methodology for accurate load regulation measurement as shown in Figure
7-2. The force and sense lines tied to the contact area of the output pin reduce the impact of contact and trace
resistance, resulting in accurate measurement of the load regulation contributed solely by the REF30xx.
Output Pin
Meter
V
OUT
+
Sense Line
Force Line
Load
I
L
Contact and
Trace Resistance
Copyright © 2016, Texas Instruments Incorporated
Figure 7-2. Accurate Load Regulation of REF30
www.ti.com
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com