Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF3012 Datasheet(PDF) 8 Page - Texas Instruments

Part # REF3012
Description  REF30E and REF30, Low Current Voltage Reference in SOT-23-3
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF3012 Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF3012 Datasheet HTML 4Page - Texas Instruments REF3012 Datasheet HTML 5Page - Texas Instruments REF3012 Datasheet HTML 6Page - Texas Instruments REF3012 Datasheet HTML 7Page - Texas Instruments REF3012 Datasheet HTML 8Page - Texas Instruments REF3012 Datasheet HTML 9Page - Texas Instruments REF3012 Datasheet HTML 10Page - Texas Instruments REF3012 Datasheet HTML 11Page - Texas Instruments REF3012 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
6.6 REF30
at TA = 25°C, VIN = 5V, and ILOAD = 0mA (unless otherwise noted)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
REF3012 (1.25V)(1)
VOUT
Output Voltage
1.2475
1.25
1.2525
V
Initial accuracy
0.2
%
Output voltage noise
ƒ = 10Hz to 1kHz
14
µVPP
ƒ = 10Hz to 10kHz
42
µVrms
Line regulation
1.8V ≤ VIN ≤ 5.5V
60
190
µV/V
REF3020 (2.048V)
VOUT
Output Voltage
2.044
2.048
2.052
V
Initial accuracy
0.2
%
Output voltage noise
ƒ = 10Hz to 1kHz
23
µVPP
ƒ = 10Hz to 10kHz
65
µVrms
Line regulation
VREF + 50mV ≤ VIN ≤ 5.5V
110
290
µV/V
REF3025 (2.5V)
VOUT
Output Voltage
2.495
2.5
2.505
V
Initial accuracy
0.2
%
Output voltage noise
ƒ = 10Hz to 1kHz
28
µVPP
ƒ = 10Hz to 10kHz
80
µVrms
Line regulation
VREF + 50mV ≤ VIN ≤ 5.5V
120
325
µV/V
REF3030 (3.0V)
VOUT
Output Voltage
2.994
3
3.06
V
Initial accuracy
0.2
%
Output voltage noise
ƒ = 10Hz to 1kHz
33
µVPP
ƒ = 10Hz to 10kHz
94
µVrms
Line regulation
VREF + 50mV ≤ VIN ≤ 5.5V
120
375
µV/V
REF3033 (3.3V)
VOUT
Output Voltage
3.294
3.3
3.306
V
Initial accuracy
0.2
%
Output voltage noise
ƒ = 10Hz to 1kHz
36
µVPP
ƒ = 10Hz to 10kHz
105
µVrms
Line regulation
VREF + 50mV ≤ VIN ≤ 5.5V
130
400
µV/V
REF3040 (4.096V)
VOUT
Output Voltage
4.088
4.096
4.104
V
Initial accuracy
0.2
%
Output voltage noise
ƒ = 10Hz to 1kHz
45
µVPP
ƒ = 10Hz to 10kHz
128
µVrms
Line regulation
VREF + 50mV ≤ VIN ≤ 5.5V
160
410
µV/V
REF30, REF30E
SBVS032J – MARCH 2002 – REVISED JULY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: REF30 REF30E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com