Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML4800IP Datasheet(PDF) 4 Page - ON Semiconductor

Part # ML4800IP
Description  Power Factor Correction and PWM Controller Combo
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ML4800IP Datasheet(HTML) 4 Page - ON Semiconductor

  ML4800IP Datasheet HTML 1Page - ON Semiconductor ML4800IP Datasheet HTML 2Page - ON Semiconductor ML4800IP Datasheet HTML 3Page - ON Semiconductor ML4800IP Datasheet HTML 4Page - ON Semiconductor ML4800IP Datasheet HTML 5Page - ON Semiconductor ML4800IP Datasheet HTML 6Page - ON Semiconductor ML4800IP Datasheet HTML 7Page - ON Semiconductor ML4800IP Datasheet HTML 8Page - ON Semiconductor ML4800IP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
PRODUCT SPECIFICATION
ML4800
REV. 1.0.5 9/25/01
3
Abolute Maximum Ratings
Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum rat-
ings are stress ratings only and functional device operation is not implied.
Operating Conditions
Parameter
Min.
Max.
Units
VCC
18
V
ISENSE Voltage
-5
0.7
V
Voltage on Any Other Pin
GND - 0.3
VCCZ + 0.3
V
IREF
10
mA
IAC Input Current
10
mA
Peak PFC OUT Current, Source or Sink
1
A
Peak PWM OUT Current, Source or Sink
1
A
PFC OUT, PWM OUT Energy Per Cycle
1.5
µJ
Junction Temperature
150
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec)
260
°C
Thermal Resistance (
θ
JA)
Plastic DIP
Plastic SOIC
80
105
°C/W
°C/W
Temperature Range
Min
.Max.
Units
ML4800CX
0
70
°C
ML4800IX
-40
85
°C
Electrical Characteristics
Unless otherwise specified, VCC = 15V, RT = 52.3kΩ, CT = 470pF, TA = Operating Temperature Range (Note 1)
Symbol
Parameter
Conditions
Min.
Typ.
Max. Units
Voltage Error Amplifier
Input Voltage Range
0
5
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
30
65
90
µ
Ω
Feedback Reference Voltage
2.43
2.5
2.57
V
Input Bias Current
Note 2
-0.5
-1.0
µA
Output High Voltage
6.0
6.7
V
Output Low Voltage
0.1
0.4
V
Source Current
VIN = ±0.5V, VOUT = 6V
-40
-140
µA
Sink Current
VIN = ±0.5V, VOUT = 1.5V
40
140
µA
Open Loop Gain
50
60
dB
Power Supply Rejection Ratio
11V < VCC < 16.5V
50
60
dB
Current Error Amplifier
Input Voltage Range
-1.5
2
V
Transconductance
VNON INV = VINV, VEAO = 3.75V
50
100
150
µ
Ω
Input Offset Voltage
0
4
15
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com